Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 59 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 59 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 55Page - Analog Devices AD9546/PCBZ Datasheet HTML 56Page - Analog Devices AD9546/PCBZ Datasheet HTML 57Page - Analog Devices AD9546/PCBZ Datasheet HTML 58Page - Analog Devices AD9546/PCBZ Datasheet HTML 59Page - Analog Devices AD9546/PCBZ Datasheet HTML 60Page - Analog Devices AD9546/PCBZ Datasheet HTML 61Page - Analog Devices AD9546/PCBZ Datasheet HTML 62Page - Analog Devices AD9546/PCBZ Datasheet HTML 63Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 59 of 205
COMMON CLOCK SYNCHRONIZER (CCS)
OVERVIEW
COMMON
TIME SCALE
LOCAL
TIME SCALE
SKEW
SYNC
TIME
SYNC OFFSET
REFINEMENT
SLEW
LIMITER
RESTART
SLEW LIMIT
GUARD
GUARD
BYPASS
LOCK
STATUS
INITIAL SYNC
DETECT
MAXIMUM
MAGNITUDE
DETECT
GUARD
ADJUSTMENT
OFFSET
STATUS
EVENT
DETECT
COMMON CLOCK
DPLL LOCK STATUS
LATENCY
DETECT
SYSTEM
CLOCK
STABILITY
STATUS
SYNC
TIME
ACTIVE SOURCE INDEX (0,1)
FROM THE COMMON
CLOCK DPLL
INITIAL
SYNC
TIME OF DAY
SOURCE
GUARD
LATENCY
NORMALLY
CLOSED
SYNC OFFSET VALUES
UPDATE ON EACH
VALID SYNC EVENT
VALID
SYNC
TIME STAMP
SYNC OFFSET
REFINEMENT
SLEW
LIMITER
SUMMING
NODE
REG 0x0D11, BITS[4:0]
REG 0x0D21, BITS[4:0]
0
1
REG 0x0D1D TO 0x0D1B, BITS[23:0]
REG 0x0D2D TO 0x0D2B, BITS[23:0]
0
1
REG 0x0D33 TO 0x0D30, BITS[31:0]
REG 0x0D36 TO 0D34, BITS[23:0]
REG 0x0D38 TO 0x0D37, BITS[15:0]
REG 0x0D3C, BIT 0
REG 0x0D3B TO 0x0D39, BITS[19:0]
TIME OF DAY
SOURCE
TAG
REG 0x0D11, BIT 7
REG 0x0D21, BIT 7
0
1
CSS SYNC 0 TIME CODE
CSS SYNC 1 TIME CODE
0
1
FROM
IUTS
96
96
0
1
CSS SYNC 1 RESTART
CSS SYNC 0 RESTART
RESTART
TAG
DETECT
SYNC
EVENT
TIME
STAMPS
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
Figure 51. Common Clock Synchronizer
The CCDPLL phase locks to a physical common clock source
(the common clock reference) and generates an internal local
time scale. The local time scale constitutes time as the
accumulation of the period of the system clock as defined by
the system clock input frequency programmed by the user. The
CCDPLL relies on a crystal resonator (via the XOA and XOB
pins) for internal timing, which is a relatively unstable
frequency source. However, the architecture of the CCDPLL
allows it to phase lock to the common clock reference even with
the relative instability of the crystal resonator. Thus, the local
time scale is immune to instability associated with the
frequency source of the system clock.
Because the CCDPLL derives its timing from the system clock
but the phase locks to the common clock reference, instabilities
associated with either source contribute to the loop stability of
the CCDPLL. Thus, the user must tailor the loop bandwidth of
the CCDPLL in accordance with the combined stability of the
system clock and common clock reference frequencies. The
frequency stability of the sources puts a limit on the minimum
allowable loop bandwidth that yields a stable loop and
minimizes the phase offset associated with the ability of the PLL
to track frequency variations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com