Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 61 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 61 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 57Page - Analog Devices AD9546/PCBZ Datasheet HTML 58Page - Analog Devices AD9546/PCBZ Datasheet HTML 59Page - Analog Devices AD9546/PCBZ Datasheet HTML 60Page - Analog Devices AD9546/PCBZ Datasheet HTML 61Page - Analog Devices AD9546/PCBZ Datasheet HTML 62Page - Analog Devices AD9546/PCBZ Datasheet HTML 63Page - Analog Devices AD9546/PCBZ Datasheet HTML 64Page - Analog Devices AD9546/PCBZ Datasheet HTML 65Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 61 of 205
SYNCHRONIZATION TIME
The user programs the time associated with a forthcoming
trigger event via a 96-bit time value written to Register 0x0F0A
to Register 0x0F15. However, the user must also program
Register 0x0F09, Bits[4:0] = 0x30 or 0x31 to associate the time
value with the primary or secondary CCS source, respectively
(see Figure 54 and Table 45 in the Inverse User Time Stamper
(IUTS) section). Then, upon issuing an IO update (via
Register 0x000F, Bit 0), the CCS considers the programmed
value as the time associated with the previous synchronization
event (via the synchronization path in Figure 51).
When the device initializes, the CCS has no synchronization
event to which it can compare the first synchronization time
update. Thus, the first synchronization event following
initialization causes a synchronization error (see the
Synchronization Guard and Ready Status sections). However, a
subsequent synchronization event clears the synchronization
error and synchronizes the CCS accordingly.
There are two options for the time format: fractional seconds
and fractional nanoseconds (PTP format). Figure 52 shows the
register arrangement for both formats. Regardless of the
format, the register value for the integer portion of the seconds
is the same.
For example, consider a synchronization time value of
148,264.05394857 sec. The integer seconds portion is 148,264,
which, in 48-bit hexadecimal format, is 0x 0000 0002 4328.
In fractional seconds format, the fractional portion of the
seconds entry (to the right of the virtual decimal point)
constitutes a 48-bit number with an LSB weight of 2−48 sec.
Using the same synchronization time value as in the previous
example, the fractional seconds portion is 0.05394857, which
converts to units of 2−48 sec as follows:
0.05394857 × 248 = 15,185,172,484,323.19496192
Round the result to the nearest integer, which yields
15,185,172,484,323, and convert to 48-bit hexadecimal format:
0x 0DCF 92CF D0E3.
In PTP format, the fractional portion of the seconds entry (to
the right of the virtual decimal point) constitutes a 46-bit
number (thus, the exclusion of the two fractional nanoseconds
MSBs in the bottom half of Figure 52) with an LSB weight of
2−16 ns. Using the same fractional portion value (0.05394857),
convert to units of 2−16 ns as follows:
0.05394857 × 109 × 216 = 3,535,573,483,520
This value in 46-bit hexadecimal format (rounded to the
nearest integer, if necessary) is 0x 0337 309A 0000.
REGISTER
0x0F15
REGISTER
0x0F14
REGISTER
0x0F13
REGISTER
0x0F12
REGISTER
0x0F11
REGISTER
0x0F10
REGISTER
0x0F0F
REGISTER
0x0F0E
REGISTER
0x0F0D
REGISTER
0x0F0C
REGISTER
0x0F0B
REGISTER
0x0F0A
VIRTUAL
DECIMAL POINT
MSB
LSB
SECONDS
FRACTIONAL SECONDS
REGISTER
0x0F15
REGISTER
0x0F14
REGISTER
0x0F13
REGISTER
0x0F12
REGISTER
0x0F11
REGISTER
0x0F10
REGISTER
0x0F0F
REGISTER
0x0F0E
REGISTER
0x0F0D
REGISTER
0x0F0C
REGISTER
0x0F0B
REGISTER
0x0F0A
LSB
FRACTIONAL NANOSECONDS
MSB
BITS[7:6] NOT USED
FRACTIONAL SECONDS FORMAT
FRACTIONAL NANOSECONDS FORMAT (PTP)
VIRTUAL
DECIMAL POINT
LSB
MSB
SECONDS
Figure 52. Time Formats



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com