Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 6 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 6 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 2Page - Analog Devices AD9546/PCBZ Datasheet HTML 3Page - Analog Devices AD9546/PCBZ Datasheet HTML 4Page - Analog Devices AD9546/PCBZ Datasheet HTML 5Page - Analog Devices AD9546/PCBZ Datasheet HTML 6Page - Analog Devices AD9546/PCBZ Datasheet HTML 7Page - Analog Devices AD9546/PCBZ Datasheet HTML 8Page - Analog Devices AD9546/PCBZ Datasheet HTML 9Page - Analog Devices AD9546/PCBZ Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 6 of 205
FUNCTIONAL BLOCK DIAGRAM
SYSTEM
CLOCK PLL
STATUS AND
CONTROL PINS
AD9546
TEMPERATURE
SENSOR
SYSTEM CLOCK
COMPENSATION
REFERENCE
SWITCHING
CONTROL
SERIAL PORT
REFERENCE
MONITORS
REFA
REFAA
REFB
REFBB
REFERENCE
INPUTS (4)
NCO
DPLL
DPLL0
PLL
APLL0
VCO
PLL0
DISTRIBUTION
OUTPUTS
DISTRIBUTION
OUTPUTS
EEPROM
(OPTIONAL)
SYSTEM
CLOCK
DIGITAL
CROSS
POINT
MUX
SERIAL PORT (SPI/I2C)
AND EEPROM
CONTROLLER
M0 TO M6
APLL VCO FREQUENCY RANGE
APLL0: 2424MHz TO 3232MHz
APLL1: 3232MHz TO 4040MHz
TDC
AUXILIARY
REFERENCE (4)
AUXILIARY
NCO’S (2)
COMMON CLOCK
SYNCHRONIZER
INVERSE USER
TIME STAMP (2)
USER TIME
STAMP (9)
INTERNAL ZERO DELAY
÷R
TDC
÷R
÷2
÷Q
OUT0AP/N
OUT0BP/N
OUT0CP/N
OUT1AP/N
OUT1BP/N
XOA/
XOB
÷Q
÷2
NCO
DPLL
DPLL1
PLL
APLL1
VCO
PLL1
Figure 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com