Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 74 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 74 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 70Page - Analog Devices AD9546/PCBZ Datasheet HTML 71Page - Analog Devices AD9546/PCBZ Datasheet HTML 72Page - Analog Devices AD9546/PCBZ Datasheet HTML 73Page - Analog Devices AD9546/PCBZ Datasheet HTML 74Page - Analog Devices AD9546/PCBZ Datasheet HTML 75Page - Analog Devices AD9546/PCBZ Datasheet HTML 76Page - Analog Devices AD9546/PCBZ Datasheet HTML 77Page - Analog Devices AD9546/PCBZ Datasheet HTML 78Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 74 of 205
SYSTEM CLOCK PLL
SYSTEM CLOCK PLL OVERVIEW
The system clock PLL (see Figure 57) comprises an Integer N
frequency synthesizer with a fully integrated loop filter and
VCO. The VCO output is the AD9546 system clock with a
frequency range of 2250 MHz to 2415 MHz. The XOA and
XOB pins constitute the input to the system clock PLL to which
a user connects a clock source or crystal resonator.
VCO
CALIBRATION
LOCK
DETECTOR
SYSTEM
CLOCK
XOA
XTAL
DIRECT
2250MHz TO
2415MHz
XOB
2×
÷J
÷K
1, 2, 4, 8
4 TO 255
PFD,
CHARGE PUMP,
LOOP FILTER
AD9546
Figure 57. System Clock PLL Block Diagram
SYSTEM CLOCK INPUT FREQUENCY
DECLARATION
Proper operation of the AD9546 requires the user to declare the
input reference frequency to the system clock PLL by
programming the 40-bit unsigned integer in Bits[39:0] of Register
0x0206 to Register 0x0202. The programmed value constitutes the
nominal frequency, in units of mHz, applied to the XOA and
XOB pins. The AD9546 evaluation software frequency
planning wizard calculates this value for the user.
SYSTEM CLOCK SOURCE
The XOA and XOB pins serve as the input connection to the
system clock PLL, giving the user access to a crystal path (see
Figure 30) or a direct path (see Figure 31). Path selection is via
Register 0x0201, Bit 3, where a Logic 0 (default) selects the
direct path and Logic 1 selects the crystal path. The optimal
reference source for the system clock input is a crystal
resonator in the 50 MHz range or an ac-coupled square wave
source (single-ended or differential) with an 800 mV p-p
amplitude.
Crystal Path
Select the crystal path by programming Register 0x0201, Bit 3, to
Logic 1. Refer to Figure 30 for connecting a crystal resonator to
the XOA and XOB pins. The CTUNE capacitors shown in Figure 30
relate to CLOAD and CSTRAY as follows:
CTUNE = 2 × (CLOAD – CSTRAY)
where:
CTUNE is a tuning capacitor.
CLOAD is the load capacitance, per the specification of the crystal
manufacturer.
CSTRAY is any additional parasitic capacitance.
As an example, when CLOAD = 10 pF and CSTRAY = 2 pF to 5 pF,
the value of CTUNE is approximately 15 pF.
The crystal path supports crystal resonators in the 25 MHz to
80 MHz frequency range. An internal maintaining amplifier
provides the negative resistance required to induce oscillation.
The internal amplifier expects an AT cut, fundamental mode
crystal with a maximum motional resistance of 100 Ω for
crystals up to 52 MHz, and 50 Ω for crystals up to 80 MHz. The
following crystals, listed in alphabetical order, may meet these
criteria:
•
AVX/Kyocera CX3225SB
•
ECS, Inc. ECX-32
•
Epson/Toyocom TSX-3225
•
Fox FX3225BS
•
NDK NX3225SA
•
Siward SX-3225
•
Suntsu SCM10B48-49.152 MHz
Analog Devices, Inc., does not guarantee the operation of the
AD9546 with these crystals, nor does Analog Devices endorse
one crystal supplier over another. The AD9546 reference design
uses a readily available high performance 49.152 MHz crystal
with low spurious content.
Crystal resonators are subject to the specified maximum power
dissipation requirement of the manufacturer. As such, some
crystal resonators may require the use of a resistor to absorb
some of the power delivered by the maintaining amplifier to
satisfy the maximum power dissipation requirement of the
crystal resonator. Figure 58 shows the proper way to connect
the power limiting resistor, RLIMIT, to achieve optimal performance.
XOA
XOB
AD9546
CTUNE
CTUNE
RLIMIT
Figure 58. Power Limiting Resistor Connection
Frequency Doubler (2× Multiplier)
When a crystal resonator is the frequency source to the system
clock, the user has the option of doubling the reference
frequency via Bit 0 of Register 0x0201. Programming a Logic 1
doubles the input reference frequency to the system clock PLL,
which improves the in-band noise of the PLL by 2 dB to 3 dB.
The frequency doubler cannot be used with the direct path
input of the system clock PLL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com