Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 81 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 81 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 77Page - Analog Devices AD9546/PCBZ Datasheet HTML 78Page - Analog Devices AD9546/PCBZ Datasheet HTML 79Page - Analog Devices AD9546/PCBZ Datasheet HTML 80Page - Analog Devices AD9546/PCBZ Datasheet HTML 81Page - Analog Devices AD9546/PCBZ Datasheet HTML 82Page - Analog Devices AD9546/PCBZ Datasheet HTML 83Page - Analog Devices AD9546/PCBZ Datasheet HTML 84Page - Analog Devices AD9546/PCBZ Datasheet HTML 85Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 81 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 81 of 205
REFERENCE MONITOR
REFERENCE MONITOR OVERVIEW
The AD9546 has eight independent reference monitors, one for
each reference input. Figure 60 shows the REFA input along
with its associated reference monitor. The reference monitor
diagram of Figure 60 applies identically for the REFAA, REFB,
REFBB, auxiliary REF0, auxiliary REF1, auxiliary REF2, and
auxiliary REF3 inputs by replacing all implied references to
REFA with the other reference inputs.
The user has the option of powering down unused primary
references via Register 0x2001, Bits[3:0] (see the Reference
Clock Input Resources section for a definition of primary
references).
Each reference input has a dedicated input divider (for
example, RA in Figure 60) with a programmable divide ratio
(see the Reference Dividers (R Dividers) section). Because the
reference monitor follows the R divider in the signal path, the
reference monitor essentially undersamples the reference input
clock signal for divide ratios greater than one.
Between the R divider and the reference monitor is a TDC (see
the Time to Digital Converter (TDC) section). The TDC
delivers digital (numeric) time stamps to the reference monitor,
which processes the time stamps to determine the status of the
input clock signal. Each reference TDC can connect to either
DPLL input via the digital cross point mux (see Figure 1). Even
when a reference does not connect to one of the DPLLs via the
cross point mux, the corresponding reference monitor
continues to observe the reference signal and generate status
signals accordingly.
The reference monitor uses certain user-programmable
parameters (see the Reference Monitor Controls section) to
perform various monitoring functions. The reference monitor
provides status indicators (see the Reference Monitor Status
Indicators section) that allow the user to assess the quality of
the reference input signal.
The AD9546 uses the status provided by the reference monitor
to control certain internal functions (automatic reference
switching, for example). The user has access to the status
signals via the register map or as a physical signal via the Mx
pins (see the Status and Control Pins section and Interrupt
Request (IRQ) section for more details).
REFA
TO DIGITAL CROSS
POINT MUX
RESET
NOTES
1. REGISTER ADDRESSES SHOWN FOR REFA ONLY
2. A RANGE OF BITS USES A COLON SEPARATOR
3. CERTAIN STATUS AND CONTROL BITS CAN BE ACCESSED VIA THE MX PINS
SLOW
FAST
LOS
tREF
R
TDC
REFERENCE
INPUT
COMPONENTS
TIME STAMP
PROCESSOR
AND JITTER
ESTIMATOR
REFERENCE MONITOR
SYSTEM CLOCK
UNSTABLE
PHASE STEP
DETECTED
USER CHANGES
INPUT MODE
USER CHANGES
tREF,
THRESHOLD, HYSTERESIS,
OR JITTER TOLERANCE
USER CHANGES R
DISCONTINUITY
NO SIGNAL
30
RESET
TIME
STAMPS
FAULT
0
1
BYPASS
INVALIDATE
VALIDATION TIMER
1kHz
START
DONE
END
RESET
TIMEOUT
PERIOD
tVALID
USER
CHANGES
tVALID
VALID
20
CLK
÷RA
REG 0x0403 TO 0x0400, BITS[29:0]
REG 0x2001,
BIT 0
REG 0x040B TO 0x0404, BITS[59:0]
REG 0x040E TO 0x040C, BITS[23:0]
REG 0x040F, BITS[2:0]
REG 0x0414 TO 0x0413, BITS[15:0]
REG 0x0412 TO 0x0410,
BITS[19:0]
REG 0x2002, BIT 0
REG 0x3005, BIT 4
REG 0x2004, BIT 0
REG 0x2003, BIT 0
REG 0x3005, BIT 3
REG 0x3005, BIT 0
REG 0x3005, BIT 1
REG 0x3005, BIT 5
REG 0x3005, BIT 2
EXCESSIVE
JITTER
EXCESS
JITTER
THRESHOLD
HYSTERESIS
JITTER TOLERANCE
JITTER
TOLERANCE
≠ 0
Figure 60. Reference Monitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com