Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 82 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 82 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 78Page - Analog Devices AD9546/PCBZ Datasheet HTML 79Page - Analog Devices AD9546/PCBZ Datasheet HTML 80Page - Analog Devices AD9546/PCBZ Datasheet HTML 81Page - Analog Devices AD9546/PCBZ Datasheet HTML 82Page - Analog Devices AD9546/PCBZ Datasheet HTML 83Page - Analog Devices AD9546/PCBZ Datasheet HTML 84Page - Analog Devices AD9546/PCBZ Datasheet HTML 85Page - Analog Devices AD9546/PCBZ Datasheet HTML 86Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 82 of 205
REFERENCE MONITOR BASE PERIOD
The reference monitor operates directly on TDC time stamps,
which occur with each rising edge from the output of the
R divider. Because time stamps result from rising edges at the
TDC input, which occur at intervals of the input reference
period multiplied by R (the reference divider ratio), the base
period (tBASE) of the reference monitor is R times the reference
period.
REFERENCE MONITOR STATUS INDICATORS
The reference monitor associated with each reference provides
six status indicators: valid, fault, LOS, slow, fast, and excess
jitter. These indicators are associated with the D4, D3, D5, D0,
D1, and D2 bits, respectively, but the register address depends
on the reference per Table 50.
Table 50. Reference Monitor Status Register Address
Reference Input
Register Address
REFA
0x3005
REFAA
0x3006
REFB
0x3007
REFBB
0x3008
Auxiliary REF0
0x301F
Auxiliary REF1
0x3020
Auxiliary REF2
0x3021
Auxiliary REF3
0x3022
Valid
The valid status indicator is Logic 1 at the expiration of the
optional validation time (see the Reference Validation section).
Fault
The fault status indicator is Logic 1 when the LOS, slow, fast, or
excess jitter status is true.
Loss of Signal (LOS)
The LOS status indicator is Logic 1 if the reference monitor
determines the input signal is absent, very slow (>1.15 × tBASE)
or a phase discontinuity occurred (see the Discontinuity
Detection section).
Slow
The slow status indicator is Logic 1 if the period of the input
signal is greater than the maximum period prescribed by the
threshold setting (see the Reference Period Threshold section).
Fast
The fast status indicator is Logic 1 if the period of the input
signal is less than the minimum period prescribed by the
threshold setting (see the Reference Period Threshold section).
Excess Jitter
The excess jitter status indicator is Logic 1 if the reference
monitor determines the input signal jitter exceeds the limits
specified by jitter tolerance (see the Jitter Tolerance section) or
a phase discontinuity occurred (see the Discontinuity Detection
section).
REFERENCE MONITOR CONTROLS
The reference monitor requires certain advance information to
function properly. The user provides this information by
programming the appropriate parameters as described in the
Reference Period (tREF), Reference Period Threshold, Hysteresis,
Jitter Tolerance, Validation Time (tVALID), Timeout, Bypass, and
Invalidate sections.
Reference Period (tREF)
Each reference input has a dedicated unsigned 60-bit bit field in
the register address ranges shown in Table 51 for specifying
tREF. tREF constitutes the nominal period of the associated input
reference and represents time in units of attoseconds (10−18 sec)
with an upper limit of ~1.15 sec.
For example, given the REFAA input has a nominal 2.048 MHz
input signal. The corresponding period is 1/(2.048 × 106) sec,
which, when multiplied by 1018, yields 488,281,250,000
attoseconds. Program Register 0x042B to Register 0x0424 with
the 60-bit value corresponding to 488,281,250,000 attoseconds
(0x 000 0071 AFD4 98D0 hexadecimal).
Table 51. Nominal Period Address Ranges
Reference Input
Register Address Range
REFA
0x0404 to 0x040B
REFAA
0x0424 to 0x042B
REFB
0x0444 to 0x044B
REFBB
0x0464 to 0x046B
Auxiliary REF0
0x0484 to 0x048B
Auxiliary REF1
0x04A4 to 0x04AB
Auxiliary REF2
0x04C4 to 0x04CB
Auxiliary REF3
0x04E4 to 0x04EB
Reference Period Threshold
The reference period threshold is the maximum relative
deviation from tREF the reference monitor uses to declare a
nonfaulted reference as out of tolerance (that is, slow or fast).
To specify the threshold parameter, each reference input has a
dedicated register group comprising an unsigned 24-bit integer
per the register address ranges shown in Table 52. The 24-bit
number represents fractional units of parts per billion (ppb) up
to a maximum of approximately 17 million ppb (1.7%), with
the default setting yielding 100 ppm.
Table 52. Offset Limit Address Ranges
Reference Input
Register Address Range
REFA
0x040C to 0x040E
REFAA
0x042C to 0x042E
REFB
0x044C to 0x044E
REFBB
0x046C to 0x046E
Auxiliary REF0
0x048C to 0x048E
Auxiliary REF1
0x04AC to 0x04AE
Auxiliary REF2
0x04CC to 0x04CE
Auxiliary REF3
0x04EC to 0x04EE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com