Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 79 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 79 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 75Page - Analog Devices AD9546/PCBZ Datasheet HTML 76Page - Analog Devices AD9546/PCBZ Datasheet HTML 77Page - Analog Devices AD9546/PCBZ Datasheet HTML 78Page - Analog Devices AD9546/PCBZ Datasheet HTML 79Page - Analog Devices AD9546/PCBZ Datasheet HTML 80Page - Analog Devices AD9546/PCBZ Datasheet HTML 81Page - Analog Devices AD9546/PCBZ Datasheet HTML 82Page - Analog Devices AD9546/PCBZ Datasheet HTML 83Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 79 of 205
DIFFERENTIAL MODE
When configured for differential operation, the input receivers
accommodate either ac-coupled or dc-coupled input signals per
Table 48. Bits[3:2] are only effective when the corresponding
differential mode is in effect.
Table 48. Differential Mode Settings
Register
Bits[3:2]
Reference
Description
0x0300
00
REFA, REFAA
AC-coupled (default)
01
REFA, REFAA
DC-coupled
10
REFA, REFAA
DC-coupled LVDS
11
Unused
Unused
0x0304
00
REFB, REFBB
AC-coupled interface
(default)
01
REFB, REFBB
DC-coupled 1.2 V
CMOS
10
REFB, REFBB
DC-coupled 1.8 V
CMOS
11
Unused
Unused
The ac-coupled mode has an internal bias termination on each
differential input pin, which has a Thevenin equivalent of a
0.6 V dc source in series with a 23.5 kΩ series. The dc-coupled
mode expects the external driver to provide a 0.6 V common-
mode bias. The dc-coupled LVDS mode expects a 1.2 V
common-mode source with LVDS signal levels, as delivered by
a standard LVDS driver.
For differential mode operating frequencies in excess of
10.24 MHz, use the ac-coupled differential mode and connect
the reference input clock signal to the reference input pins
through a series dc blocking capacitor. For differential mode
operating frequencies < 10.24 MHz, use dc-coupled differential
mode. For direct connection of a low frequency (<10.24 MHz)
LVDS input reference source, use dc-coupled LVDS mode,
which provides the necessary level shifting.
DC-Coupled LVDS (<10.24 MHz) Interface
Use Figure 35 to make a dc-coupled connection to a standard
LVDS driver having a 1.2 V common-mode output bias. Be
sure to select the dc-coupled LVDS mode per Table 48, which
provides the appropriate internal level shifting for the input
receiver. This configuration supports input frequencies up to
10.24 MHz.
Differential AC Coupling (>10.24 MHz)
For differential input signals in excess of 10.24 MHz, refer to
Figure 36 to make an ac-coupled connection to an external
driver. Be sure to select the ac-coupled mode per Table 48.
Differential DC Coupling (>10.24 MHz)
Use Figure 37 to make a dc-coupled connection to a differential
driver having a 0.6 V common-mode output bias. Be sure to
select the dc-coupled mode per Table 48.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com