Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 50 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 50 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 46Page - Analog Devices AD9546/PCBZ Datasheet HTML 47Page - Analog Devices AD9546/PCBZ Datasheet HTML 48Page - Analog Devices AD9546/PCBZ Datasheet HTML 49Page - Analog Devices AD9546/PCBZ Datasheet HTML 50Page - Analog Devices AD9546/PCBZ Datasheet HTML 51Page - Analog Devices AD9546/PCBZ Datasheet HTML 52Page - Analog Devices AD9546/PCBZ Datasheet HTML 53Page - Analog Devices AD9546/PCBZ Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 50 of 205
CLOCK OUTPUTS
AD9546
I
I
PLLx
+1.8V
Qxy
Qxyy
ISOURCE MODE
OUTxyP
OUTxyN
50Ω
100Ω
50Ω
0.1µF
0.1µF
LVDS OR
LVPECL
RECEIVER
Figure 38. LVDS-Compatible Output Swing, AC-Coupled (375 mV (Differential) Across 100 Ω Termination Resistor for I = 15 mA)
The output drivers of the AD9546 are capable of either
sourcing or sinking current. Each pin of an output pin pair
(OUTxyP/OUTxyN) has an independent current source.
However, the source or sink function applies to both current
sources of an output pin pair (that is, either the source current
(ISOURCE) or sink current (ISINK) of both pin drivers). The current
source or sink current of the individual driver is either on or off,
depending on the output logic level of the associated Qxy or
Qxyy divider (0 = off, 1 = on).
The Qxy divider has both normal and inverted logic outputs,
which means when the Qxy divider is connected to both output
drivers (as in Figure 38, for example), one current source is on
while the other is off, allowing a differential output signal. See
the Distribution Clock Output Drivers section for configuring
the clock output drivers.
AD9546
I
I
PLLx
+1.8V
Qxy
Qxyy
ISOURCE MODE
OUTxyP
OUTxyN
50Ω
50Ω
TO HCSL
RECEIVER
Figure 39. HCSL Output, Peak-to-Peak Voltage ≈ 750 mV per Section
(I = 15 mA)
AD9546
I
I
PLLx
Qxy
Qxyy
ISINK MODE
OUTxyP
OUTxyN
50Ω
50Ω
1.2V, 1.5V
OR 1.8V
Figure 40. CML Output (I = 7.5 mA; I = 15 mA Options for 1.5 V or 1.8 V
Supply)
AD9546
I
I
PLLx
Qxy
Qxyy
ISINK MODE
OUTxyP
OUTxyN
50Ω
50Ω
50Ω
1.8V
10nF
RL
Figure 41. LVDS-Compatible Output, 1.24 V Common Mode, T Network
(I = 7.5 mA; I = 15 mA with Extra 100 Ω Termination, RL)
AD9546
I
I
PLLx
Qxy
Qxyy
ISINK MODE
OUTxyP
OUTxyN
1.8V
RL
63.4Ω
237Ω
63.4Ω
237Ω
Figure 42. LVDS-Compatible Output, 1.2 V Common-Mode, Thevenin Bias
Network (I = 7.5 mA; I = 15 mA with Extra 100 Ω Termination, RL)
AD9546
I
I
PLLx
Qxy
Qxyy
ISINK MODE
OUTxyP
OUTxyN
1.8V
56.2Ω
453Ω
56.2Ω
453Ω
Figure 43. 2.5 V LVPECL or Double Amplitude LVDS-Compatible Boost
Output, 1.5 V p-p, 1.24 V Common Mode (I = 15 mA)
AD9546
I
I
PLLx
Qxy
Qxyy
ISOURCE MODE
OUTxyP
OUTxyN
+1.8V
IN PHASE
OUTPUTS
RL
RL
Figure 44. Single-Divider, Single-Ended Mode Providing In Phase Outputs
(Current Source Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com