Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 56 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 56 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 52Page - Analog Devices AD9546/PCBZ Datasheet HTML 53Page - Analog Devices AD9546/PCBZ Datasheet HTML 54Page - Analog Devices AD9546/PCBZ Datasheet HTML 55Page - Analog Devices AD9546/PCBZ Datasheet HTML 56Page - Analog Devices AD9546/PCBZ Datasheet HTML 57Page - Analog Devices AD9546/PCBZ Datasheet HTML 58Page - Analog Devices AD9546/PCBZ Datasheet HTML 59Page - Analog Devices AD9546/PCBZ Datasheet HTML 60Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 56 of 205
COMMON CLOCK DPLL (CCDPLL)
OVERVIEW
The CCDPLL embodies most of the hardware associated with
the auxiliary DPLL (see the Compensation Method 3
subsection of the System Clock Compensation section).
However, the CCDPLL incorporates additional enhancements
to the auxiliary DPLL hardware to meet the needs of a digitized
clocking system. Figure 50 shows a functional block diagram of
the CCDPLL.
COMMON CLOCK REFERENCES
The CCDPLL supports two independent time stamp sources as
common clock reference (CCR) frequency inputs. CCR0 is the
primary frequency reference, whereas CCR1 is the secondary
frequency reference. The primary and secondary distinction
matters with respect to the handling of the CCDPLL of
automatic switching between references (see the Common
Clock Reference Switchover section).
When employing only a single CCR, the user must use CCR0.
That is, assigning a reference to CCR1 with no reference
assigned to CCR0 is an invalid condition.
It is best practice to use REFB, REFBB, or both input pins for
the common clock DPLL reference frequency because the REFB
and REFBB inputs are the only reference inputs that provide
access to the analog loopback function (see the Analog Clock
Loopback section).
CCR Enable and CCR Frequency Source
Each CCR has an enable bit (Bit 7 of Register 0x0D10 and/or
Register 0x0D20 for CCR0 and CCR1, respectively). Logic 0
(default) disables the CCR, whereas Logic 1 enables it. When
operating the device with both CCRs, the enable bit gives the
user a simple mechanism to force a reference switchover (see
the Common Clock Reference Switchover section) by disabling
the active CCR.
The user can independently assign each CCR to a specific time
stamp source (via Bits[4:0] of Register 0x0D10 and
Register 0x0D20 for CCR0 and CCR1, respectively). The
default value, 0x31, is the null selection. That is, the associated
CCR has no time stamp source.
For CCR0, programming a nondefault value for the enable or
time stamp source selection settings results in the CCR0 time
stamp source selection overriding the reference TDC selection
of the auxiliary DPLL (see the Compensation Method 3
subsection of the System Clock Compensation section).
CCDPLL
REF MON
LOCAL TIME
SCALE
GENERATOR
LOCAL
TIME
SCALE
CORE
CLOCK
(~25MHz BITS)
COMMON
CLOCK
LOOP
CONTROLLER
LOOP
FILTER
TARGET
REFERENCE
PERIOD
PROCESSOR
UPDATES ON ARRIVAL
OF TIME STAMPS
FROM ACTIVE CCR
CCR0
TIME STAMPS
TIME STAMP
PROCESSOR
CCDPLL
REF MON
REG 0x0D15 TO 0x0D12, BITS[31:0]
REG 0x0D1A TO 0x0D16, BITS[39:0]
NUM0
DEN0
REG 0x0D25 TO 0x0D22, BITS[31:0]
REG 0x0D2A TO 0x0D26, BITS[39:0]
REG 0x0D10, BIT 7
ENBL0
REG 0x0D20, BIT 7
REG 0x0D10, BITS[4:0]
REG 0x0D20, BITS[4:0]
ENBL1
CCR0 SOURCE
CCR1 SOURCE
TIME STAMPS
NUM
DEN
0
1
ACTIVE
SOURCE
R
REF
TARGET
REFERENCE
PERIOD
PERIOD ERROR
LOCK
DETECT
HOLDOVER
REGISTER
REG 0x040B TO 0x0404, BITS[59:0]
REG 0x042B TO 0x0424, BITS[59:0]
REG 0x048B TO 0x0484, BITS[59:0]
REG 0x044B TO 0x0444 ,BITS[59:0]
REG 0x046B TO 0x0464, BITS[59:0]
REG 0x04EB TO 0x04E4, BITS[59:0]
REG 0x04AB TO 0x04A4, BITS[59:0]
REG 0x04CB TO 0x04C4, BITS[59:0]
REG 0x0403 TO 0x0400, BITS[29:0]
REG 0x0423 TO 0x0420, BITS[29:0]
REG 0x0443 TO 0x0440, BITS[29:0]
REG 0x0463 TO 0x0460, BITS[29:0]
REG 0x0483 TO 0x0480, BITS[29:0]
REG 0x04A3 TO 0x04A0, BITS[29:0]
REG 0x04C3 TO 0x04C0, BITS[29:0]
REG 0x04E3 TO 0x04E0, BITS[29:0]
REG 0x0286 TO 0x0285, BITS[15:0]
BANDWIDTH
REG 0x0D01 TO 0x0D00, BITS[15:0]
THRESHOLD
REG 0x0D02, BITS[7:0] FILL
REG 0x0D03, BITS[7:0] DRAIN
REG 0x0D05 TO 0x0D04, BITS[15:0]
STABILITY
HOLDOVER
LOCKED
REG 0x3002, BIT 1
REG 0x0D40, BIT 4
REG 0x0D40, BIT 5
CCR0
VALID
CCR1
VALID
FROM
TIME
STAMP
SOURCES
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
REG 0x0206 TO 0x0202, BITS[39:0]
SYSCLK REF FREQ
CCR0 INDEX
CCR1 INDEX
CCR1 INDEX
CCR0 INDEX
0
ACTIVE
SOURCE
1
CCR1
TIME STAMPS
REG 0x0D40, BIT 3
REG 0x0D40, BIT 0
ACTIVE
SYSTEM CLOCK
COMPENSATION
SUBSYSTEM
INTERFACE
COMPX
FROM
TIME
STAMP
SOURCES
NUM1
DEN1
REG 0x0D40, BIT 1
CF3
Figure 50. Common Clock DPLL Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com