Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 83 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 83 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 79Page - Analog Devices AD9546/PCBZ Datasheet HTML 80Page - Analog Devices AD9546/PCBZ Datasheet HTML 81Page - Analog Devices AD9546/PCBZ Datasheet HTML 82Page - Analog Devices AD9546/PCBZ Datasheet HTML 83Page - Analog Devices AD9546/PCBZ Datasheet HTML 84Page - Analog Devices AD9546/PCBZ Datasheet HTML 85Page - Analog Devices AD9546/PCBZ Datasheet HTML 86Page - Analog Devices AD9546/PCBZ Datasheet HTML 87Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 83 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 83 of 205
Because the threshold parameter specifies a fractional period
(δp), it relates to fractional frequency (δf) as follows:
δp = −δf/(1 + δf)
(1)
For example, consider the case where the expected maximum
relative deviation of the input reference frequency for REFAA
is 75 × 10−6 (75 ppm). That is, δf = 75 × 10−6.
From Equation 1, δp = −74.994375 × 10−6, or −74.994375 ppm,
or −74994.375 ppb. Because the threshold parameter is an
unsigned number with integer units of ppb, threshold = 74,994.
Therefore, program Register 0x042C to Register 0x042E with the
24-bit value corresponding to 74,994 (0x 01 24F2 hexadecimal).
To properly verify small values of the threshold parameter, the
reference monitor requires a very precise timing reference. The
reference monitor uses time stamps from the TDC to assess the
input signal parameters. Because the underlying precision of
the TDC relates to the system clock, small threshold values
require a suitably precise system clock or a suitably
compensated system clock (see the System Clock
Compensation section).
Hysteresis
The hysteresis parameter applies to a faulted reference, whereas
the threshold parameter applies to a nonfaulted reference. The
reference monitor makes fault and unfault decisions based on
how reference period samples relate to tREF, threshold, and
hysteresis. To specify the hysteresis parameter for a particular
reference, use Bits[2:0] of the register address associated with
the reference per Table 53.
Table 53. Hysteresis Register Address
Reference Input
Register Address Range
REFA
0x040F
REFAA
0x042F
REFB
0x044F
REFBB
0x046F
Auxiliary REF0
0x048F
Auxiliary REF1
0x04AF
Auxiliary REF2
0x04CF
Auxiliary REF3
0x04EF
The programmed value of the hysteresis parameter defines a
hysteresis scale factor (SF) per Table 54.
Table 54. Hysteresis Selection Table
Bits[2:0] (Decimal)
Scale Factor (SF)
0
0
1
0.03125
2
0.0625
3
0.125 (default)
4
0.25
5
0.5
6
0.75
7
0.875
The SF value constitutes a fractional portion of the value of
threshold and defines the amount of hysteresis.
Hysteresis (ppb) = Threshold × SF
For example, given threshold = 74,994 ppb and SF = 0.0625,
determine the hysteresis.
Hysteresis (ppb) = 74,994 ppb × 0.0625 = 4,687
The reference monitor compares reference period samples
against the tREF, threshold, and SF parameters to make fault and
unfault decisions per Figure 61.
BASE PERIOD =
tREF × R
THRESHOLD
TIME
MAXIMUM DEVIATION FROM
THE BASE PERIOD FOR A
FAULTED REFERENCE TO
BECOME UNFAULTED
MINIMUM DEVIATION FROM
THE BASE PERIOD FOR AN
UNFAULTED REFERENCE
TO BECOME FAULTED
THRESHOLD × (1 − SF)
THRESHOLD × SF
BASE
PERIOD
Figure 61. Reference Monitor Hysteresis
Jitter Tolerance
Use the jitter tolerance parameter to define the maximum rms
jitter the reference monitor accepts before indicating an
excessive jitter condition. Each reference input has a dedicated
register group for entering jitter tolerance per the register
address ranges shown in Table 55. The jitter tolerance parameter
is an unsigned 16-bit integer with units of nanoseconds
(10−9 sec) up to a maximum of approximately 65.5 µs.
Table 55. Jitter Tolerance Address Ranges
Reference Input
Register Address Range
REFA
0x0413 to 0x0414
REFAA
0x0433 to 0x0434
REFB
0x0453 to 0x0454
REFBB
0x0473 to 0x0474
Auxiliary REF0
0x0493 to 0x0494
Auxiliary REF1
0x04B3 to 0x04B4
Auxiliary REF2
0x04D3 to 0x04D4
Auxiliary REF3
0x04F3 to 0x04F4
For example, given an expected jitter limit of 75 ns rms, then
jitter tolerance = 75 (0x004B hexadecimal).
When jitter tolerance = 0, the reference monitor does not include
its estimation of jitter as part of the excess noise status decision.
However, even when jitter tolerance = 0, the reference monitor
continues to perform jitter estimation to continue making out
of tolerance decisions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com