Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 102 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 102 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 98Page - Analog Devices AD9546/PCBZ Datasheet HTML 99Page - Analog Devices AD9546/PCBZ Datasheet HTML 100Page - Analog Devices AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices AD9546/PCBZ Datasheet HTML 104Page - Analog Devices AD9546/PCBZ Datasheet HTML 105Page - Analog Devices AD9546/PCBZ Datasheet HTML 106Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 102 of 205
N Shot Pattern Generation
An N shot pattern consists of a specified clock segment and gap
segment. To assign the desired number of clock segment cycles,
use the 6-bit unsigned integer in Bits[5:0] of Register 0x10D3 for
PLL0 and Register 0x14D3 for PLL1. To assign the desired
number of gap segment cycles, use the 8-bit unsigned integer in
Bits[7:0] of Register 0x10D2 for PLL0 and Register 0x14D2 for
PLL1.
As shown in Figure 70, the clock and gap segments are in units
of the Q divider output period. The N shot generator treats a
clock segment value of 0 as comprising zero clock cycles and a
gap segment value of 0 as comprising 1 clock cycle. Thus, the
net effect of programming a clock segment of 0 and a gap
segment of 0 is no output.
The N shot generator is capable of burst or periodic gapped
operation. To select burst or periodic operation, use Bit 6 of
Register 0x10D3 for PLL0 and Register 0x14D3 for PLL1.
When Bit 6 = 0, the N shot generators operate in burst mode
(see Figure 71). When Bit 6 = 1, the N shot generators operate
in periodic gapped mode (see Figure 72).
In burst operation, the rising edge of the trigger signal constitutes
the trigger event. Prior to the burst, the generator is in the default
state (Logic 0), which the generator holds until triggered (see
the N Shot Triggering section).
When triggered, the N shot generator produces an output
sequence (see the bottom trace of Figure 70). At the end of the
sequence, the N shot generator remains in its default state
(Logic 0).
In burst operation, the output appears as a sequence of Q divider
cycles per the programmed clock segment value (in Figure 70, the
clock segment is 6). The gap period is effectively an extension of
the default output condition, which is the low state (in Figure 70,
the gap segment is 10).
In periodic operation, the logic level of the trigger matters (rather
than the rising edge as in burst mode). The N shot generator,
starting from its default state (Logic 0), waits for the trigger to
assume a Logic 1 state. At this point, the N shot generator begins
repeatedly generating the burst pattern (clock segment pulses,
then gap segment pulses), per Figure 72. The N shot generator
continues generating burst patterns until the trigger assumes a
Logic 0 state. The occurrence of the Logic 0 state informs the
generator to stop synchronously. That is, if the generator is not in
the gap portion of the burst, the generator stalls at the end of the
current pulse as shown in Figure 73. Furthermore, returning the
trigger signal to Logic 1 causes the pattern to resume from where
it previously stopped (that is, with the absent pulses shown in
Figure 73).
Q DIVIDER
OUTPUT
CLOCK
OUTPUT
Q DIVIDER PERIOD BASED ON ITS INPUT CLOCK AND DIVIDE RATIO
CLOCK SEGMENT = 6
GAP SEGMENT = 10
TIME
Figure 70. N Shot Plus Gap Clock Signal
Q DIVIDER
OUTPUT
CLOCK
OUTPUT
Q DIVIDER PERIOD (PER ITS INPUT CLOCK AND DIVIDE RATIO)
CLOCK SEGMENT = 6
GAP SEGMENT = 10
TRIGGER
BURST
RISING EDGE OF
TRIGGER INITIATES
BURST
BURST ENDS AFTER CLOCK AND GAP Q DIVIDER CYCLES
TIME
Figure 71. Burst Clock Signal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com