Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 106 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 106 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices AD9546/PCBZ Datasheet HTML 104Page - Analog Devices AD9546/PCBZ Datasheet HTML 105Page - Analog Devices AD9546/PCBZ Datasheet HTML 106Page - Analog Devices AD9546/PCBZ Datasheet HTML 107Page - Analog Devices AD9546/PCBZ Datasheet HTML 108Page - Analog Devices AD9546/PCBZ Datasheet HTML 109Page - Analog Devices AD9546/PCBZ Datasheet HTML 110Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 205 page
background image
AD9546
Data Sheet
Rev. 0 | Page 106 of 205
MODULATION CONTROLLER
MODULATOR A
MODULATOR B
0
1
28
16
16
MODULATOR C
16
16
OUT
SYNC
OUT
OUT
MODULATION
BLOCK
N SHOT ENBL
TRIGGER
MODE
IN
TRIGGER
MODE
IN
STEP
TRIGGER
MODE
IN
STEP
SIGA
SNCA
INA
INB
INC
SYNC
SYNC
SIGB
SNCB
SIGC
SNCC
SIGAA
SIGBB
SIGCC
Q0A
Q0AA
Q0B
Q0BB
Q0C
Q0CC
TRIGGER
MODE
NOTES
1. A RANGE OF BITS USES A COLON SEPARATOR
2. REGISTER ADDRESSES SHOWN ARE SPECIFIC TO Q DIVIDER Q0x (WHERE x = A, AA, B, BB, C, OR CC),
PLL CHANNEL 0, AND MODULATOR A
REG 0x10C1 TO 0x10C0,
BITS[15:0]
REG 0x10C5 TO 0x10C2,
BITS[27:0]
REG 0x10CF, BIT 1
REG 0x10CF, BIT 2
REG 0x10CF,
BIT 0
REG 0x10CF,
BIT 3
Figure 74. Block Diagram of Embedded Clock Modulation Controller
TIME
NOMINAL
(50%)
Δt
MODULATION PERIOD (
tMOD)
NOMINAL
(50%)
MODULATION MAGNITUDE
(D =
Δt/tQ)
Q DIVIDER
OUTPUT PERIOD (
tQ)
Figure 75. Modulation Magnitude and Period



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com