Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 105 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 105 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 101Page - Analog Devices AD9546/PCBZ Datasheet HTML 102Page - Analog Devices AD9546/PCBZ Datasheet HTML 103Page - Analog Devices AD9546/PCBZ Datasheet HTML 104Page - Analog Devices AD9546/PCBZ Datasheet HTML 105Page - Analog Devices AD9546/PCBZ Datasheet HTML 106Page - Analog Devices AD9546/PCBZ Datasheet HTML 107Page - Analog Devices AD9546/PCBZ Datasheet HTML 108Page - Analog Devices AD9546/PCBZ Datasheet HTML 109Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 105 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 105 of 205
DISTRIBUTION EMBEDDED OUTPUT CLOCK MODULATION
MODULATION CONTROLLER OVERVIEW
The AD9546 has the capability to embed a low frequency clock
within a high frequency carrier. Referring to Figure 68, only the
primary output of a Q divider pair routes to the modulation
controller, whereas the secondary output bypasses the modulation
controller and routes directly to the N shot/PRBS controller. Thus,
only the primary distribution clock outputs support embedded
clock modulation capability (for example, Output OUT0AP
supports modulation, whereas Output OUT0AN does not).
Embedded clock modulation consists of changing the pulse
width of the designated Q divider output clock in synchrony
with a binary modulation signal to produce modulation events.
A modulation event always spans two Q divider clock cycles
where the first clock cycle changes duty cycle, but the second
clock cycle may or may not change duty cycle (see the Balanced
and Unbalanced Modulation section).
An expanded diagram of the modulation controller appears in
Figure 74. Although Figure 74 is specific to PLL0, it is also
representative of PLL1, because there is a dedicated modulation
controller for each PLL channel.
Any one or more Q divider outputs with a single-letter
subscript (for example, Q0A but not Q0AA) can operate as an
embedded clock modulator. To enable embedded modulation,
use Bit 0 of the registers shown in Table 70.
Table 70. Enable Embedded Modulation Register Address
Q Divider
Register Address
Q0A
0x10CF
Q0B
0x10D0
Q0C
0x10D1
Q1A
0x14CF
Q1B
0x14D0
Logic 1 selects the designated Q divider for embedded clock
modulation, whereas Logic 0 (default) bypasses the modulation
controller (via the mux in Figure 74).
Modulation control consists of two parameters: Δt and tMOD.
Parameter Δt defines the desired magnitude of the modulation
edge variation, and tMOD defines the modulation period (see
Figure 75). The modulated signal consists of a time step of
magnitude Δt occurring at regular intervals of period, tMOD. The
magnitude parameter, Δt, is common to all the modulators
within a PLL channel, whereas the period parameter, tMOD, is
unique to each modulator.
MODULATION MAGNITUDE
To set the modulation magnitude, use the 16-bit unsigned
integer (modulation step) in Register 0x10C0 to Register 0x10C1
for PLL0 and Register 0x14C0 to Register 0x14C1 for PLL1.
The modulation step value carries units of one-half of the
period of the input clock to the Q divider associated with the
modulator, yielding the following relationship:
D = Modulation Step/(2 × Qxy)
(3)
where:
D is the duty cycle deviation (that is, the time deviation of the
modulation edge from nominal, normalized to the Q divider
output period). Figure 75 shows D as Δt/tQ.
Qxy is the divide ratio of the relevant Q divider (x is 0 or 1, and
y is A, B or C).
Because the modulation step is common to all the modulators
in a PLL channel, whereas Qxy is unique to each Q divider, D
in Equation 3 is not necessarily the same for all the modulators
in a PLL channel.
Given the divide ratio for Q divider Q0A is 1001, find the
modulation step bit field value necessary for Modulator A to
yield 5% modulation.
Modulation of 5% implies D = 0.05. Substituting the
appropriate values into Equation 3 yields
0.05 = Modulation Step/(2 × 1001)
Therefore,
Modulation Step = 100 (rounded to nearest integer)
= 0x64 (hexadecimal)
Given the same modulation step value as in the preceding
example (modulation step = 100), find the modulation magnitude
for Modulator B assuming Q0B has a divide ratio of 8025.5.
D = Modulation Step/(2 × Qxy)
= 100/(2 × 8025.5)
= 0.00623 (0.623%)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com