Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9546/PCBZ Datasheet(PDF) 203 Page - Analog Devices

Part # AD9546/PCBZ
Description  Dual DPLL Digitized Clock Synchronizer
PDF  205 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9546/PCBZ Datasheet(HTML) 203 Page - Analog Devices

Back Button AD9546/PCBZ Datasheet HTML 197Page - Analog Devices AD9546/PCBZ Datasheet HTML 198Page - Analog Devices AD9546/PCBZ Datasheet HTML 199Page - Analog Devices AD9546/PCBZ Datasheet HTML 200Page - Analog Devices AD9546/PCBZ Datasheet HTML 201Page - Analog Devices AD9546/PCBZ Datasheet HTML 202Page - Analog Devices AD9546/PCBZ Datasheet HTML 203Page - Analog Devices AD9546/PCBZ Datasheet HTML 204Page - Analog Devices AD9546/PCBZ Datasheet HTML 205Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 203 / 205 page
background image
Data Sheet
AD9546
Rev. 0 | Page 203 of 205
In read mode, the master device (receiver) receives the last data
byte from the slave device (transmitter) but does not pull SDA
low during the ninth clock pulse (a nonacknowledge bit). By
receiving the nonacknowledge bit, the slave device knows that
the data transfer is finished and enters idle mode.
The master device then takes the data line low during the low
period before the 10th clock pulse, and high during the 10th
clock pulse to assert a stop condition.
A start condition can be used instead of a stop condition.
Furthermore, a start or stop condition can occur at any time,
and partially transferred bytes are discarded.
Data Transfer Format
The write byte format is used to write a register address to the
RAM starting from the specified RAM address (see Table 116).
The send byte format is used to set up the register address for
subsequent reads (see Table 117). The receive byte format is
used to read the data byte(s) from RAM starting from the
current address (see Table 118). The read byte format is the
combined format of the send byte and the receive byte (see
Table 119).
SDA
START CONDITION
STOP CONDITION
SCL
S
P
Figure 142. Start and Stop Conditions
12
89
12
3 TO 7
3 TO 7
89
10
SDA
SCL
S
MSB
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
P
Figure 143. Acknowledge Bit
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
SLAVE RECEIVER
ACK FROM
SLAVE RECEIVER
SDA
SCL
S
MSB
P
Figure 144. Data Transfer Process (Master Write Mode, 2-Byte Transfer)
12
89
12
3 TO 7
3 TO 7
89
10
ACK FROM
MASTER RECEIVER
NONACK FROM
MASTER RECEIVER
SDA
SCL
S
P
Figure 145. Data Transfer Process (Master Read Mode, 2-Byte Transfer), First Acknowledge from Slave



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com