Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 24 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 24 of 27
GROUNDING
Use ground and power planes where possible to reduce the
resistance and inductance of the supply and ground returns.
Place bypass capacitors as close as possible to the ±VS supply
pins, with the other ends connected to the ground plane. It is
recommended to use a bypass capacitor of at least 0.1 μF when
driving light loads (load currents < 100 μA), and more capacitance
when driving heavier loads. Routing from the output to the load
and return to the ground plane must have minimal loop area to
keep inductance to a minimum.
ESD PROTECTION WHEN POWERED
ICs react to ESD strikes differently when unpowered vs.
powered, which falls under IEC-61000-4-2 standards (see
the Absolute Maximum Ratings section). A device that
performs well under HBM conditions can perform poorly
under International Electrotechnical Commission (IEC)
conditions. The ADA4097-1 is thoroughly abused with ESD
strikes under IEC conditions to create a front-end circuit
protection scheme that protects the device if subjected to ESD
strikes. Figure 63 and Figure 64 show two different protection
schemes that extend the protection of the ADA4097-1 to ±8 kV
ESD strikes.
Consider the following when selecting components:
A component size of 0805 or larger to reduce chance of
arc-over.
Pulse withstanding, thick film resistors.
C0G MLCC with a minimum rating of 100 V.
Bidirectional, transient voltage suppression (TVS) diodes.
In the circuit shown in Figure 63, R1 is a 220 Ω, Panasonic,
0805, ERJ-P6 series, and C1 is a 100 pF, Yageo, 0805, 100 V,
C0G/NPO.
R1
IN+
VIN
V+
U1
1VOUT
8
3
2
4 VEE
VCC
V–
ADVANTAGES DISADVANTAGES
INEXPENSIVE
(~5 CENTS)
R1 INTRODUCES
THERMAL NOISE
SMALL
FOOTPRINT
RC NETWORK
LIMITS SPEED
MINIMAL
LEAKAGE
NEED TO CAREFULLY
CHARACTERIZE
CAPACITOR
NOT AS ROBUST
AGAINST REPEATED
STRIKES
C1
GND
Figure 63. ESD Protection Circuit (RC Network)
In the circuit shown in Figure 64, R1 is a 220 Ω, Panasonic,
0805, ERJ-P6 series, and D1 is a Bourns CDSOD323-T36SC.
An ESD varistor can be considered for D1.
For more information on system level ESD considerations, see
the technical article, When Good Electrons Go Bad: How to
Protect Your Analog Front End, on the Analog Devices, Inc.,
website.
RELATED PRODUCTS
Table 8 describes several alternative precision amplifiers that
can also be considered for certain applications.
R1
IN+
VIN
D_TVS
V+
U1
1VOUT
8
3
2
4 VEE
VCC
V–
ADVANTAGES DISADVANTAGES
INEXPENSIVE
(20 TO 30 CENTS)
R1 INTRODUCES
NOISE
SMALL
FOOTPRINT
D1 HAS LEAKAGE
CURRENT
VERY ROBUST
D1 HAS
CAPACITANCE
(5pF TO 300pF)
D1
GND
Figure 64. ESD Protection Circuit (R-TVS Network)
Table 8. ADA4097-1 Related Products
Model
VOS (μV)
IB (nA)
GBP (kHz)
en (nV/√Hz)
ISY (μA)
Common-Mode Input Range (V)
ADA4097-1
60
0.3
130
53
33
−VS to −VS + 70
ADA4098-1
30
0.7
1000
17
165
−VS to −VS + 70
ADA4099-1
30
10
8000
7
1500
−VS to −VS + 70
ADA4077-1
35
1
3900
7
500
−VS to +VS
LT6015
50
5
3200
18
335
−VS to −VS + 76
LT6014
60
0.4
1600
9.5
165
−VS to +VS
LT1494
375
1
2.7
185
1.5
−VS to −VS + 36
LT1490A
500
8
180
50
55
−VS to −VS + 44



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com