Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 16 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 16 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 16 of 27
FREQUENCY (kHz)
0.0001
0.001
0.01
0.1
1
10
100
1k
0
25
50
75
100
125
150
175
200
225
250
Figure 41. Output Noise vs. Frequency
TIME (1s/DIV)
OUTPUT NOISE
200nV/DIV
Figure 42. 0.1 Hz to 10 Hz Noise
VIN
VOUT
VSY = ±15V
20µs/DIV
VIN
50mV/DIV
VOUT
50mV/DIV
Figure 43. Unity-Gain Small Signal Step Response
VIN
VOUT
VSY = ±15V
0.2ms/DIV
VIN
10V/DIV
VOUT
10V/DIV
Figure 44. Unity-Gain Large Signal Step Response
100
10
1
0.1
0.01
0.001
0.0001
0
–20
–40
–60
–80
–100
–120
20
200
2000
20000
FREQUENCY (Hz)
G = +1, RLOAD = 2kΩ, VIN = 100mV rms
G = +1, RLOAD = 2kΩ, VIN = 300mV rms
G = +1, RLOAD = 2kΩ, VIN = 1V rms
G = +1, RLOAD = 5kΩ, VIN = 100mV rms
G = +1, RLOAD = 5kΩ, VIN = 300mV rms
G = +1, RLOAD = 5kΩ, VIN = 1V rms
G = +1, RLOAD = 10kΩ, VIN = 100mV rms
G = +1, RLOAD = 10kΩ, VIN = 300mV rms
G = +1, RLOAD = 10kΩ, VIN = 1V rms
VSY = ±8V
Figure 45. THD + N vs. Frequency over Load
100
10
1
0.1
0.01
0.001
0
–20
–40
–60
–80
–100
0.01
0.1
1
10
OUTPUT AMPLITUDE (V rms)
VSY = ±8V
G = +1, 250Hz, RLOAD = 10kΩ
G = +1, 500Hz, RLOAD = 10kΩ
G = +1, 1kHz, RLOAD = 10kΩ
G = +1, 2kHz, RLOAD = 10kΩ
G = +1, 5kHz, RLOAD = 10kΩ
G = +1, 10kHz, RLOAD = 10kΩ
G = +1, 250Hz, RLOAD = 20kΩ
G = +1, 500Hz, RLOAD = 20kΩ
G = +1, 1kHz, RLOAD = 20kΩ
G = +1, 2kHz, RLOAD = 20kΩ
G = +1, 5kHz, RLOAD = 20kΩ
G = +1, 10kHz, RLOAD = 20kΩ
Figure 46. THD + N vs. Output Amplitude



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com