Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 20 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 20 of 27
In this case, the noise gain is defined by the following equation:
Noise Gain = 1 + RF/RI
When the amplifier transitions to Over-The-Top operation with
the input common-mode biased near or above the +VS supply,
consider the value of RIN.
The noise gain of the amplifier increases as shown in the
following equation:
||
11
||
||
FI
F
OTT
IIN
I
F
IN
RR
R
Noise Gain
RR
R
R
R

 

 

 





where Noise GainOTT is the Over-The-Top noise gain.
The dc closed-loop gain remains mostly unaffected (RF/RI).
However, the loop gain of the amplifier decreases, as expressed
in the following equation:
1
OL
F
I
A
R
R
to
OL
OTT
A
Noise Gain
Likewise, the closed-loop bandwidth (BWCLOSED_LOOP) of the
amplifier changes going from normal operation to Over-The-
Top operation.
In normal operation,
BWCLOSED_LOOP ≈
1
F
I
GBP
R
R
In Over-The-Top operation,
BWCLOSED_LOOP ≈
OTT
GBP
Noise Gain
Output voltage noise density (eno) is impacted when the device
transitions from normal operation to Over-The-Top operation.
Resistor noise is neglected in both modes of operation in the
following equations.
In normal operation, neglecting resistor noise,




1
F
no
n
I
R
ee
R
where en is input referred voltage noise density.
In Over-The-Top operation, neglecting resistor noise,
no
n
OTT
ee
Noise Gain

OUTPUT
The output of the ADA4097-1 can swing rail-to-rail to within
15 mV of the either supply with no load. The output can source
30 mA and sink 40 mA. The amplifier is internally compensated to
drive at least 200 pF of CLOAD. Adding a series resistance of 50 Ω
between the output and larger capacitive loads extends the
capacitive drive capability of the amplifier.
If the ADA4097-1 enters shutdown, the VOUT pin appears as
high impedance with two steering diodes connected to either
supply. In this state, the output typically leaks <5 nA.
SHUTDOWN PIN (SHDN)
The ADA4097-1 has a dedicated SHDN pin to place the
amplifier in a very low power shutdown state when asserted
high. A logic high is defined by a voltage ≥1.5 V applied to the
SHDN pin with respect to the −VS pin. In shutdown, the amplifier
draws <20 μA of supply current (see Figure 7) and the VOUT pin
is placed in a high impedance state.
The SHDN pin can be driven beyond the +VS supply up to the
absolute maximum voltage (60 V with respect to −VS) and draws
little current (<2.5 μA). For normal active amplifier operation,
the SHDN pin can be floated or driven by an external voltage
source low (within 0.5 V of −VS). If the SHDN pin is left floating,
an internal current source (~600 nA) pulls the SHDN pin to –VS,
which places the amplifier into a default, active amplifying state.
Because of the close proximity of the −IN pin and SHDN pin,
fast edges on the −IN pin may ac-couple to the adjacent high
impedance SHDN pin, inadvertently placing the device in
shutdown. If this scenario is a concern, add a 1 nF capacitor
between the SHDN pin and the −VS pin.
Alternatively, the amplifier can be effectively placed in a low power
state by removing +VS. In this low power state, the inputs typically
leak <1 nA with either ±IN pin biased between −VS and 70 V
above −VS. If the ±IN pins are taken below −VS, they appear as a
diode connected to the −VS supply in series with a resistance of
880 Ω. In this condition, limit the current to <10 mA.
Using an external source to drive the output beyond either ±VS
supply under shutdown conditions may produce unlimited
current and may damage the device.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com