Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 9 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 5Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 9 of 27
PIN CONFIGURATION AND FUNCTION DESCRIPTIONS
1
3
2
VOUT
+IN
–VS
6
4
5
+VS
–IN
SHDN
TOP VIEW
(Not to Scale)
ADA4097-1
Figure 4. Pin Configuration
Table 6. Pin Function Descriptions
Pin No.
Mnemonic
Description
1
VOUT
Amplifier Output.
2
−VS
Negative Power Supply. In single-supply applications, the −VS pin is normally soldered to a low impedance ground
plane. In split-supply applications, bypass the −VS pin with a capacitance of at least 0.1 μF to a low impedance
ground plane, as close to the −VS pin as possible.
3
+IN
Noninverting Input of the Amplifier.
4
−IN
Inverting Input of the Amplifier.
5
SHDN
Op Amp Shutdown. The threshold for shutdown is approximately 1 V above the negative supply. If the SHDN pin is
not connected or hard tied to −VS, the amplifier is active. If the SHDN pin is asserted high (VSHDN > −VS + 1.5 V), the
amplifier is placed in a shutdown state, and the output of the amplifier goes to a high impedance state. If the SHDN
pin is left unconnected, it is recommended to connect a small capacitor of 1 nF between the SHDN pin and the −VS
pin to prevent signals from the −IN pin from capacitively coupling to the SHDN pin.
6
+VS
Positive Power Supply. Bypass the +VS pin with a capacitance of at least 0.1 μF to a low impedance ground plane, as
close to the +VS pin as possible.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com