Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 14 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 14 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 14 of 27
INPUT COMMON-MODE VOLTAGE (V)
110
VSY = 5V
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
100
10
1
0.1
0.01
0.001
0.0001
Figure 29. Input Bias Current vs. Input Common-Mode Voltage
VCM = MIDSUPPLY
MINIMUM SUPPLY VOLTAGE (V)
01
234
5
0
10
20
30
40
50
60
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 30. Supply Current vs. Minimum Supply Voltage
VCM = MIDSUPPLY
TA = –55°C
TA = 25°C
TA = 125°C
TA = 150°C
MINIMUM SUPPLY VOLTAGE (V)
2.75
3.00
3.25
3.50
3.75
4.00
4.25
4.50
4.75
5.00
–100
–75
–50
–25
0
25
50
75
100
Figure 31. Offset Voltage vs. Minimum Supply Voltage
VCM = MIDSUPPLY
SUPPLY VOLTAGE (V)
5
10152025
3035404550
–100
–75
–50
–25
0
25
50
75
100
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 32. Offset Voltage vs. Supply Voltage
VSY = ±15V
RLOAD = 499kΩ
RLOAD = 100kΩ
RLOAD = 10kΩ
RLOAD = 5kΩ
RLOAD = 2kΩ
VOUT (V)
–15
–10
–5
0
5
10
15
–300
–200
–100
0
100
200
300
Figure 33. ΔOffset Voltage vs. VOUT Across Various RLOAD
VSY = ±15V
RLOAD = 10 kΩ
VOUT (V)
–15
–10
–5
0
5
10
15
–400
–300
–200
–100
0
100
200
300
400
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 34. ΔOffset Voltage vs. VOUT Across Various Temperatures



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com