Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 13 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 13 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 13 of 27
VCM = MIDSUPPLY
VSY = +3V
VSY = +5V
VSY = ±5V
VSY = ±15V
VSY = ±25V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
–100
–75
–50
–25
0
25
50
75
100
Figure 23. Offset Voltage vs. Temperature Across Various Supply Voltages
VSY = 5V
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
INPUT COMMON-MODE VOLTAGE (V)
0.1
1
10
100
–200
–150
–100
–50
0
50
100
150
200
Figure 24. Offset Voltage vs. Input Common-Mode Voltage from
Normal Operation to Over-The-Top Operation
VSY = 5V
INPUT COMMON-MODE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
–200
–150
–100
–50
0
50
100
150
200
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 25. Offset Voltage vs. Input Common-Mode Voltage over
the Input Common-Mode Range
VSY = 5V
INPUT COMMON-MODE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0
0.0001
0.001
0.01
0.1
1
10
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 26. Input Bias Current vs. Input Common-Mode Voltage from
Normal Operation to Over-The-Top Operation
VSY = 5V
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
INPUT COMMON-MODE VOLTAGE (V)
–0.1
0
0.1
0.2
0.3
0.4
0.5
–200
–150
–100
–50
0
50
100
150
200
Figure 27. Offset Voltage vs. Input Common-Mode Voltage for
Ground Sensing Applications
VSY = 5V
INPUT COMMON-MODE VOLTAGE (V)
–0.1
0
0.1
0.2
0.3
0.4
0.5
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 28. Input Bias Current vs. Input Common-Mode Voltage for Ground
Sensing Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com