Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 10 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 6Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 7Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 10 of 27
TYPICAL PERFORMANCE CHARACTERISTICS
SUPPLY VOLTAGE (V)
0
5
10
15
20
25
30
35
40
45
50
0
10
20
30
40
50
60
70
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 5. Supply Current vs. Supply Voltage
10 REPRESENTATIVE UNITS
VSY = +5V
VSY = ±25V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
10
20
30
40
50
60
70
Figure 6. Supply Current vs. Temperature Across Various Supply Voltages
VSY = 5V
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
VSHDN WITH RESPECT TO –VS (V)
0
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
1
10
100
Figure 7. Supply Current vs. VSHDN with Respect to −VS
SUPPLY VOLTAGE (V)
110
50
0
5
10
15
20
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 8. Shutdown Supply Current vs. Supply Voltage
VSY = 5V
VCM = MIDSUPPLY
1080 UNITS
INPUT OFFSET VOLTAGE (µV)
–30
–24
–18
–12
–6
0
6
12
18
24
30
0
2
4
6
8
10
12
14
16
18
20
Figure 9. Typical Distribution of Input Offset Voltage, VSY = 5 V
VSY = ±15V
VCM = 0V
1080 UNITS
INPUT OFFSET VOLTAGE (µV)
–30
–24
–18
–12
–6
0
6
12
18
24
30
0
2
4
6
8
10
12
14
16
18
20
Figure 10. Typical Distribution of Input Offset Voltage with VSY = ±15 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com