Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 26 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 26 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 26 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 26 of 27
VOUT
VIN
VSY = 5V
TIME (200µs/DIV)
OUTPUT
INPUT
2V/DIV
Figure 68. ±10 V to 0 V to +5 V Funnel Amplifier, Large Signal Pulse Response
R2
9.09kΩ
R3
1kΩ
R4
R1
0.1Ω
*DIODE IMPROVES SINGLE SUPPLY AMPLIFIER
ACCURACY AT LOW LOAD CURRENTS
VBAT
909Ω
VOUT
D1*
1N4148
5V
+
–
ADA4097-1
SHDN
Figure 69. 1 V/A Low-Side Current Sense
100Ω
100Ω
100Ω
LOAD
10mA TO 1A
SHDN
5V
1kΩ
0.1Ω
10W
VBAT = 1.5V TO 70V
VOUT
1V/A
BSS123LT1G
M1
ADA4097-1
Figure 70. 1 V/A High-Side Current Sense
10kΩ
R4
10MΩ
R2
1kΩ
R3
A1
SHDN
1.8V TO 5V LOGIC
SHDN
M1
BSS84
15V
–15V
C1
1nF
ADA4097-1
Figure 71. Microprocessor Control of SHDN Pin in Split Supply Applications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com