Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 19 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 19 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 19 of 27
INPUT PROTECTION
The inputs are protected against temporary voltage excursions
to 15 V below –VS (see Figure 54) by internal 880 Ω resistors
(see Figure 53). These resistors limit the current in the series
D1 diode and D2 diode that are tied to the bases of the Q1 and
Q2 transistors, respectively. Adding additional external series
resistance extends the protection to >15 V below −VS, at the
cost of stability and added thermal noise. The input stage of the
ADA4097-1 incorporates phase reversal protection to prevent
the output from phase reversing for inputs below −VS. The
ADA4097-1 op amp does not have clamping diodes between the
inputs and can be differentially overdriven up to 80 V without
damage, inducing parametric shifts, or drawing appreciable input
current. Figure 55 summarizes the input fault types that can be
applied to the ADA4097-1 without compromising input integrity.
TIME (400ms/DIV)
VSY = 5V
VOUT
VIN
Figure 54. ADA4097-1 as Unity-Gain Buffer with Noninverting Input Driven
Beyond the Supply (VSY = 5 V)
5V
80V
OK!
LARGE DIFFERENTIAL
INPUT VOLTAGE
TOLERANT
5V
80V
OK!
INPUTS DRIVEN
ABOVE THE SUPPLY
TOLERANT
5V
80V
OK!
LARGE DIFFERENTIAL
INPUT VOLTAGE
TOLERANT
5V
–5V
OK!
INPUTS DRIVEN
BELOW GROUND
TOLERANT
Figure 55. ADA4097-1 Fault Tolerant Conditions
OVER-THE-TOP OPERATION CONSIDERATIONS
When the ADA4097-1 input common-mode is biased near or
>+VS supply, the amplifier operates in the Over-The-Top
configuration. The differential input pair that controls amplifier
operation is the common base pair, Q3 to Q6 (see Figure 53).
Input bias currents change from<±0.3 nA in normal operation
to approximately 0.8 μA in Over-The-Top operation when the
input stage transitions from common emitter to common base.
The Over-The-Top input bias currents are well matched, and the
associated offset is typically <50 nA. Ensure that the impedance
connected to the inverting and noninverting inputs is well matched
to avoid any input bias current induced voltage offsets.
Differential input impedance, RIN (see Figure 56), decreases
from >10 MΩ in normal operation to ~60 kΩ in Over-The-Top
operation (see Table 1 and Table 2).
RIN
RF
RF
RI
VIN
VINCM
RI
Figure 56. Difference Amplifier Configured for Normal Operation and
Over-The-Top Operation (RI Is a Gain Setting Resistor)
This RIN resistance appears across the summing nodes in Over-
The-Top operation due to the configuration of the common
base input stage.
The RIN value is derived from the specified IB that flows to the
op amp inputs, as expressed in the following equation:
RIN = 2kT/(qIB)
where:
k is Boltzmann’s constant.
T is the operating temperature.
q is the charge of an electron.
IB is the operating input bias current in Over-The-Top
operation.
The inputs are biased proportional to absolute temperature.
Therefore, RIN is relatively constant with temperature. This
resistance appears across the summing nodes of the amplifier,
which is forced to 0 V differentially by the feedback action of
the amplifier and can seem relatively harmless. However,
depending on the configuration, this input resistance can boost
the noise gain, lower overall amplifier loop gain and closed-
loop bandwidth, and raise output noise. The singular benefit of
this configuration is an increase in closed-loop amplifier stability.
In normal mode (−VS < VCM < +VS −1 V), RIN is typically large
compared to the value of the gain setting resistors (RF and RI),
and RIN can be ignored.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com