Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 15 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 15 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 15 of 27
VSY = 5V
VSHDN WITH RESPECT TO −VS (V)
0
0.5
1.0
1.5
2.0
0
0.25
0.50
0.75
1.00
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 35. SHDN Pin Current (ISHDN) vs. VSHDN with Respect to −VS over Various
Temperatures
10 REPRESENTATIVE UNITS
VOL
VSY = 5V
VOH
RLOAD = OPEN
VCM = MIDSUPPLY
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
0.01
0.1
1
10
100
Figure 36. Output Swing Relative to Supply vs. Temperature
VSY = ±15V
VCM = 0V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
0
25
50
75
100
125
150
175
200
10 REPRESENTATIVE UNITS
Figure 37. Gain Bandwidth vs. Temperature
OPEN-LOOP GAIN (VSY = 5V)
OPEN-LOOP PHASE MARGIN (VSY = 5V)
OPEN-LOOP PHASE MARGIN (VSY = ±15V)
OPEN-LOOP GAIN (VSY = ±15V)
FREQUENCY (kHz)
1
10
100
500
–10
0
10
20
30
40
50
0
15
30
45
60
75
90
Figure 38. Open-Loop Gain and Open-Loop Phase Margin vs. Frequency
RF = 0Ω, RG = OPEN
RF = 10kΩ, RG = 10kΩ
RF = 40kΩ, RG = 10kΩ
RF = 100kΩ, RG = 10kΩ
FREQUENCY (kHz)
110
100
500
–20
–15
–10
–5
0
5
10
15
20
25
Figure 39. Noninverting Small Signal Frequency Response
FREQUENCY (kHz)
110
100
500
–20
–15
–10
–5
0
5
10
15
20
25
RF = 10kΩ, RG = 10kΩ
RF = 20kΩ, RG = 10kΩ
RF = 49.9kΩ, RG = 10kΩ
RF = 100kΩ, RG = 10kΩ
Figure 40. Inverting Small Signal Frequency Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com