Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 18 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 18 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 18 of 27
THEORY OF OPERATION
The ADA4097-1 is a robust, voltage feedback amplifier that
combines unity-gain stability with low offset, low offset drift, and
53 nV/√Hz of input voltage noise. Figure 53 shows a simplified
schematic of the device. The ADA4097-1 has two input stages:
a common emitter differential input stage consisting of the Q1
and Q2 PNP transistors that operate with the inputs biased
between −VS and 1 V below +VS, and a common base input
stage that consists of the Q3 to Q6 PNP transistors that operate
when the common-mode input is biased >+VS − 1 V. These input
stages result in two distinct operating regions, as shown in
Figure 51.
VSY = 5V
INPUT COMMON-MODE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
0
0.0001
0.001
0.01
0.1
1
10
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 51. Input Bias Current vs. Input Common-Mode Voltage over
Temperature, VSY = 5 V
For common-mode input voltages that are approximately 1 V
below the +VS supply, where Q1 and Q2 are active (see Figure 51),
the common emitter PNP input stage is active and the input bias
current is typically <0.3 nA. When the common-mode input is
above +VS − 1 V, the Q9 transistor turns on, which diverts bias
current away from the common emitter differential input pair
to the mirror that consists of M3 and M4. The current from M4
biases the common base differential input pair (Q3 to Q6). The
Over-The-Top input pair operates in a common base configuration
and the input bias current increases to ~0.8 μA. The offset
voltages of both input stages are tightly trimmed and are
specified in Table 1 and Table 2.
As the input common-mode transitions to the Over-The-Top
region, the input CMRR degrades slightly when compared to
the rest of the input common-mode range, as shown in Figure 52.
VSY = 5V
INPUT COMMON-MODE VOLTAGE (V)
3.0
3.5
4.0
4.5
5.0
–200
–150
–100
–50
0
50
100
150
200
TA = –55°C
TA = +25°C
TA = +125°C
TA = +150°C
Figure 52 . Offset Voltage vs. Input Common-Mode Voltage over
Temperature, VSY = 5 V
880Ω
880Ω
R2
R1
I1
0.85µA
I2
1µA
I3
1µA
Q4
M4
M3
M2
M1
–IN
+IN
–VS
+VS
Q3
Q2 Q1
Q6
PNP
Q10
PNP
J1
NJF
D3
ESD
NMOS
NMOS
NMOS
NMOS
PNP
PNP
PNP
Q9
PNP
PNP
Q7
NPN
Q8
SHDN
U1
OUTPUT
DRIVER
NPN
Q13
N
I
P
SD
NPN
D3
V1
1V
ESD
D1
ESD
D2
ESD
D4
OUT
ESD
M1
PMOS
PNP
Q5
R6
2MΩ
R3
100kΩ
R4
100kΩ
R5
40kΩ
Figure 53. Simplified ADA4097-1 Schematic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com