Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 22 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 22 of 27
NOISE
To analyze the noise performance of an amplifier circuit,
identify the noise sources, and then determine if each source
has a significant contribution to the overall noise performance
of the amplifier. To simplify the noise calculations, noise spectral
densities (NSDs) are used rather than actual voltages, to leave
bandwidth out of the expressions. NSD is generally expressed in
nV/Hz and is equivalent to the noise in a 1 Hz bandwidth.
The noise model shown in Figure 59 has six individual noise
sources: the Johnson noise of the three resistors (R1 to R3), the
op amp voltage noise, and the current noise (IN±) in each input
of the amplifier. Each noise source has its own contribution to
the noise at the output. Noise is generally specified as referring
to input (RTI), but it is often simpler to calculate the noise referred
to the output (RTO), and then divide by the noise gain to obtain
the RTI noise.
R3
4kTR3
IN+
eN, R3
A
R1
4kTR1
IN–
eN, R1
VOUT
GAIN FROM
A TO OUTPUT
NOISE GAIN =
NG = 1 +
R2
R1
=
GAIN FROM
B TO OUTPUT
RTI NOISE =
RTO NOISE = NG × RTI NOISE
eN2 + 4kTR3 + 4kTR1
2
= –
eN
B
R2
4kTR2
eN, R2
R2
R1
R2
R1 + R2
+IN+ 2R32 + IN–2
2
R1 × R2
R1 + R2
+ 4kTR2
2
R1
R1 + R2
Figure 59. Op Amp Noise Analysis Model
Assuming IN+ = IN− = IN, the equation for RTI noise can be
simplified to the following form:
RTI Noise =
2
22
++
nn,R
N
EQ
ee
I R
=4
n,R
EQ
ekTR
REQ = R3 + R1||R2
where:
en is the op amp voltage noise.
en,R is the thermal noise contribution of the surrounding R1 to
R3 resistors.
REQ is the equivalent input resistance.
k is Boltzmann’s constant (1.38 × 10−23 J/K).
T is the absolute temperature in Kelvin.
A 50 Ω resistor generates a Johnson noise of 1 nV/√Hz at 25°C.
For optimal performance, the lower bound of resistance in a
feedback network is determined by the amount of quiescent
power and distortion that can be tolerated. The upper bound
is determined by the resistor and current noise density. The
ADA4097-1 has an en of 53 nV/Hz.
If resistor and current noise contributions are less than half this
value, the en introduced by the op amp dominates and provides
optimal noise performance of the device.
RTI NOISE
VNR
IN × REQ
VN
REQ (Ω)
1k
10k
100k
1M
10M
0.1
1
10
100
1k
Figure 60. Noise Contributions vs. Equivalent Input Resistance
For the ADA4097-1, this lower bound of resistance in the feedback
network is about 40 kΩ. For the amplifier configuration shown
in Figure 59, REQ < 40 kΩ provides stable noise performance. If
noise performance is not important, en is typically fixed for a
given TA, en,R increases with the square root of the resistor value,
and the IN × REQ resistance increases linearly, but does not impact
total noise until it approaches the value of en,R. With REQ < ~6 MΩ,
en,R is larger than IN × REQ. A safe value for REQ < 2 MΩ to ensure
that IN is not the majority contributor to total noise seen by the
input.
Figure 60 shows the noise contributions for the range of resistance
values discussed in this section.
DISTORTION
There are two main contributors of distortion in op amps: output
crossover distortion as the output transitions from sourcing to
sinking, and distortion caused by nonlinear common-mode
rejection. If the op amp is operating in an inverting configuration,
there is no common-mode induced distortion. If the op amp is
operating in the noninverting configurations within the normal
input common-mode range (−VS to +VS − 1 V), distortion is
acceptable. When the inputs transition from normal to Over-
The-Top operation or vice versa, a significant degradation
occurs in linearity due to the change of input circuitry.
As RL decreases, distortion increases due to a net decrease in loop
gain and greater signal swings internal to the amplifier that are
necessary to drive the load. The lowest distortion can be achieved
with the ADA4097-1 operating in Class A operation in an inverting
configuration, with the input common-mode biased at midsupply.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com