Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 12 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 12 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 8Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 9Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 10Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 11Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 12Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 13Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 14Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 15Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 27 page
background image
ADA4097-1
Data Sheet
Rev. 0 | Page 12 of 27
VSY = 5V
10 REPRESENTATIVE UNITS
VCM = 6V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
–200
–150
–100
–50
0
50
100
150
200
Figure 17. Offset Voltage vs. Temperature with VCM = 6 V,
Over-The-Top
VSY = 5V
10 REPRESENTATIVE UNITS
VCM = 70V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
–200
–150
–100
–50
0
50
100
150
200
Figure 18. Offset Voltage vs. Temperature with VCM = 70 V
VSY = 5V
VCM = MIDSUPPLY
1080 UNITS
INPUT BIAS CURRENT (pA)
–100 –70
–40
–10
20
50
80
110
140
170
200
0
2
4
6
8
10
12
14
16
18
20
Figure 19. Typical Distribution of Input Bias Current, VSY = 5 V
VSY = 5V
10 REPRESENTATIVE UNITS
VCM = 6V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
0
0.5
1.0
1.5
2.0
2.5
Figure 20. Input Bias Current vs. Temperature with VCM = 6 V,
Over-The-Top
VSY = 5V
VCM = 6V
VCM = 70V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
0
0.5
1.0
1.5
2.0
Figure 21. Input Bias Current vs. Temperature Across Various VCM
VCM = MIDSUPPLY
VSY = +3V
VSY = +5V
VSY = ±5V
VSY = ±15V
VSY = ±25V
TEMPERATURE (°C)
–60
–30
0
30
60
90
120
150
–5
–4
–3
–2
–1
0
1
2
3
4
5
Figure 22. Input Bias Current vs. Temperature Across Various Supply Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com