Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 21 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 21 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 17Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 18Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 21 of 27
APPLICATIONS INFORMATION
LARGE RESISTOR GAIN OPERATION
The ADA4097-1 has approximately 3.5 pF of input capacitance.
The parallel combination of the RF and RG on the inverting
input can combine with this input capacitance (CIN) to form a
pole that can reduce bandwidth, cause frequency response
peaking, or produce oscillations (see Figure 58). To mitigate
these consequences, place a feedback capacitor with a value of
CF > CIN(RG/RF) in parallel with RF for summing node impedances
>200 kΩ (RF||RG > 200 kΩ). This capacitor placement cancels the
input pole and optimizes dynamic performance (see Figure 57).
For applications where the noise gain is unity (RG→∞), and the
feedback resistor exceeds 200 kΩ, CF ≥ CIN. Optimize PCB layouts
to keep layout related summing node capacitance to an absolute
minimum.
CIN
VIN
VOUT
U1
RG
1MΩ
RF
CF
1MΩ
3.5pF
Figure 57. Inverting Gain Schematic
RF = RG = 1MΩ
CF = 0pF
CF = 1pF
CF = 2pF
FREQUENCY (kHz)
0.1
1
10
100
–15
–10
–5
0
5
10
Figure 58. Inverting Gain of 1, Small Signal Frequency Response,
RF = RG = 1 MΩ
RECOMMENDED VALUES FOR VARIOUS GAINS
Table 7 is a reference for determining various recommended
gains and associated noise performance. The total impedance
seen at the inverting input is kept to <200 kΩ for gains >1 to
maintain ideal small signal bandwidth.
Table 7. Gains and Associated Recommended Resistor Values (TA = 25°C)
Gain
RF (kΩ)
RG (kΩ)
CF (pF)
Approximate −3 dB Frequency (kHz)
Total System Noise (nV/√Hz at 1 kHz),
Referred to Input
+1
0
Not applicable
Not applicable
220
53
+2
10
10
0
80
54
+2
100
100
0
100
59.5
+5
10
40.2
0
33.5
53.2
+10
10
90
0
18
53.2
−1
10
10
0
87
108
−1
100
100
0
95
119
−1
1000
1000
2
55
215
−2
10
20
0
56
80
−5
10
49.9
0
29
64.2
−10
10
100
0
17
58.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com