Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 25 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 25 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 25 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 25 of 27
TYPICAL APPLICATIONS
5kΩ
1.25kΩ
VOUT
5V
+
–
1.25kΩ
5kΩ
±10V
LT5400-7
ADA4097-1
LT6654-2.5
SHDN
OUT
C1
10µF
C2
100nF
IN
5V
GND
Figure 65. ±10 V to 0 V to +5 V Funnel Amplifier, High CMRR and ±80 V Input Protection via LT5400-7 Resistor Network
VOUT
VIN
VSY = 5V
TIME (200µs/DIV)
INPUT
OUTPUT
5V/DIV
Figure 66. ±10 V to 0 V to +5 V Funnel Amplifier, Input and Output Voltages
COMMON MODE
DIFFERENTIAL
FREQUENCY (kHz)
0.1
1
10
100
1k
–90
–80
–70
–60
–50
–40
–30
–20
–10
0
Figure 67. ±10 V to 0 V to +5 V Funnel Amplifier, System Gain



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com