Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADA4097-1BUJZ-R5 Datasheet(PDF) 23 Page - Analog Devices

Part # ADA4097-1BUJZ-R5
Description  50 V, 130 kHz, 32.5 關A, Robust, Over-The-Top Precision Op Amp
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4097-1BUJZ-R5 Datasheet(HTML) 23 Page - Analog Devices

Back Button ADA4097-1BUJZ-R5 Datasheet HTML 19Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 20Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 21Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 22Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 23Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 24Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 25Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 26Page - Analog Devices ADA4097-1BUJZ-R5 Datasheet HTML 27Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 23 / 27 page
background image
Data Sheet
ADA4097-1
Rev. 0 | Page 23 of 27
POWER DISSIPATION AND THERMAL SHUTDOWN
The ADA4097-1 can drive heavy loads on power supplies up to
±25 V. Therefore, ensure that TJ on the integrated circuit does
not exceed 175°C. The ADA4097-1 is housed in a 6-lead TSOT
package (θJA = 192°C/W).
Junction temperatures exceeding 125°C promote accelerated aging.
Reliability of the ADA4097-1 may be impaired if the junction
temperature exceeds 175°C. If the junction temperature exceeds
175°C, the ADA4097-1 has a final safety measure in the form of
a thermal shutdown that shuts off the output stage and reduces
the internal device currents. When this thermal shutdown function
triggers, the output remains disabled in a high impedance state
until the junction temperature drops 20°C. Persistent heavy loads
and elevated ambient temperatures can cause the ADA4097-1 to
oscillate in and out of thermal shutdown depending on the power
dissipated on the die, until the heavy load is removed (see
Figure 61).
RLOAD = 550Ω
V
TA = 150°C
SY = ±25V
TJ > 175°C
TJ < 155°C
100ms/DIV
INPUT
10V/DIV
OUTPUT
10V/DIV
Figure 61. ADA4097-1 Cycling In and Out of Thermal Shutdown
It is not recommended to operate near the maximum junction
temperature.
Typically, TJ can be estimated from TA and the device power
dissipation (PD × θJA), as shown in the following equation:
TJ = TA + PD × θJA
The power dissipation in the IC varies as a function of supply
voltage, the output voltage, and load resistance. For a given supply
voltage, the worst case power dissipation (PD(MAX)) in the IC occurs
when the supply current is maximum, and the output voltage is
at half of either supply voltage.
2
()
(
)
2
SY
DMAX
s s MAX
L
V
PV I
R




For a given supply voltage, use Figure 62 as a guide for estimating
the minimum load resistance that the ADA4097-1 can drive for
a given supply voltage and a given rise in junction temperature
(ΔTJ). For example, to limit ΔTJ to 50°C, the load driven on the
±15 V supplies (+30 V total supply) must not be lower than
0.8 kΩ. It is assumed that θJA is 192°C/W.
ΔTJ = 50°C
ΔTJ = 75°C
ΔTJ = 100°C
ΔTJ = 125°C
TOTAL SUPPY VOLTAGE (V)
5
1015202530
3540
4550
0.001
0.01
0.1
1
4
Figure 62. Minimum Load Resistance for Given ΔTJ and VSY
CIRCUIT LAYOUT CONSIDERATIONS
Careful and deliberate attention to detail when laying out the
ADA4097-1 boards yields optimal performance. Power supply
bypassing, parasitic capacitance, and component selection all
contribute to the overall performance of the amplifier.
POWER SUPPLY BYPASSING
On single supplies, solder the −VS supply pin directly to a low
impedance ground plane. Bypass the +VS pin to a low impedance
ground plane with a low effective series resistance (ESR) multilayer
ceramic capacitor (MLCC) of 0.1 μF, typically, as close to the ±VS
supply pins as possible. When driving heavy loads, add 10 μF of
supply capacitance. When using split supplies, these conditions
are applicable to the −VS supply pin.
The ADA4097-1 has an internal current source of ~0.6 μA on
the SHDN pin to pull the pin down to −VS and to place the
amplifier in the default amplifying state. If the SHDN state is not
required, hard tie the SHDN pin to the −VS pin. If the SHDN pin is
left floating or driven by a source with significant source impe-
dance (>100 Ω), bypass the −VS supply pin with a small, 1 nF
capacitor to prevent stray signals from coupling on the SHDN pin,
which can inadvertently trigger shutdown.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com