Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 63 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 63 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 59Page - Maxim Integrated Products MAX17843 Datasheet HTML 60Page - Maxim Integrated Products MAX17843 Datasheet HTML 61Page - Maxim Integrated Products MAX17843 Datasheet HTML 62Page - Maxim Integrated Products MAX17843 Datasheet HTML 63Page - Maxim Integrated Products MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products MAX17843 Datasheet HTML 67Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 63 / 131 page
background image
READBLOCK Command
The READBLOCK command returns an 18-byte read
from the specified register for a block size of 1 in the
addressed device only. If the register address is not valid
for the device, it returns zero for any invalid addresses. If
the device address is not valid, the command is ignored.
The command sequences for a block size of 1 and for
a block size of 2 are shown in Table 32 and Table 33,
respectively.
The command packet is forwarded up the daisy-chain
until it reaches the addressed device. The addressed
device overwrites the received fill bytes with the two bytes
of register data (from a single device) and forwards the
packet to the next device. The alive-counter byte is only
incremented by the addressed device. A Manchester error
immediately switches the data propagation from read
mode to write (pass-through) mode, ensuring that the
Manchester error is propagated through the daisy-chain
and back to the host.
Table 32. READBLOCK Sequencing for Block Size = 1
Table 33. READBLOCK Sequencing for Block Size = 2
*If alive-counter mode is enabled.
*If alive-counter mode is enabled.
HOST TX
DEVICE RXL
DEVICE TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
{BS[4:0], 3b110}
{BS[4:0], 3b110}
{BS[4:0], 3b110}
{BS[4:0], 3b110}
[DEVICE ADDR]
[DEVICE ADDR]
[DEVICE ADDR]
[DEVICE ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DC]
[DC]
[DATA LSB]
[DATA LSB]
[PEC]
[PEC]
[DATA MSB]
[DATA MSB]
[ALIVE]*
[ALIVE]*
[DC]
[DC]
[FD(1) C2h]
[FD(1) C2h]
[PEC]
[PEC]
[FD(1) D3h]
[FD(1) D3h]
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
18 characters
18 characters
18 characters
18 characters
HOST TX
DEVICE RXL
DEVICE TXU
HOST RX
Preamble
Preamble
Preamble
Preamble
{BS[4:0], 3b110}
{BS[4:0], 3b110}
{BS[4:0], 3b110}
{BS[4:0], 3b110}
[DEVICE ADDR]
[DEVICE ADDR]
[DEVICE ADDR]
[DEVICE ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[REG ADDR]
[DC]
[DC]
[DATA0 LSB]
[DATA0 LSB]
[PEC]
[PEC]
[DATA0 MSB]
[DATA0 MSB]
[ALIVE]*
[ALIVE]*
[DATA1 LSB]
[DATA1 LSB]
[FD(1) C2h]
[FD(1) C2h]
[DATA1 MSB]
[DATA1 MSB]
[FD(1) D3h]
[FD(1) D3h]
[DC]
[DC]
[FD(1) C2h]
[FD(1) C2h]
[PEC]
[PEC]
[FD(1) D3h]
[FD(1) D3h]
[ALIVE]*
[ALIVE]*
Stop
Stop
Stop
Stop
22 characters
22 characters
22 characters
22 characters
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 63



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com