Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 74 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 74 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 70Page - Maxim Integrated Products MAX17843 Datasheet HTML 71Page - Maxim Integrated Products MAX17843 Datasheet HTML 72Page - Maxim Integrated Products MAX17843 Datasheet HTML 73Page - Maxim Integrated Products MAX17843 Datasheet HTML 74Page - Maxim Integrated Products MAX17843 Datasheet HTML 75Page - Maxim Integrated Products MAX17843 Datasheet HTML 76Page - Maxim Integrated Products MAX17843 Datasheet HTML 77Page - Maxim Integrated Products MAX17843 Datasheet HTML 78Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 131 page
background image
Figure 46. Sense-Wire Open Diagnostic
Table 39. Sense-Wire Open-Diagnostic Configurations
CONFIGURATION BIT(S)
CONFIGURATION STATE
TASK
BALSWEN[11:0]
555h (BALSWDIAG = 0b101) or
AAAh (BALSWDIAG = 0b110)
Enable odd switches
Enable even switches
MEASUREEN[14:12]
0b000
Disable AUXINn and VBLKP measurements
MEASUREEN[11:0]
BALSWEN[11:0]
Measure only active switch positions
DIAGCFG.ALTMUXSEL
1
Enable ALTMUX measurement path
SCANCTRL.POLARITY
1
Enable bipolar mode
START ADC
MEASUREMENT
WAIT 100µs
MAX178xx FULLY
FUNCTIONAL AND
INITIALIZED
SCANDONE = 1
NO
YES
BALSW CONDUCTING
CHECK INVALID
ENSURE BALLOWTHR
AND BALHIGHTHR SET
TO DESIRED VALUE
ALRTFMEA DATACHECK BIT
SHOWS RESULT
CLEAR BALSWDIAG[2:0]
AND SCANDONE
BALSW CONDUCTING
CHECK DONE
CHECK ALRTBALSW OR CELLn
REGISTERS FOR DETAILED
RESULT
0b101 FOR ODD SWITCHES
0b110 FOR EVEN SWITCHES
SET BALSWDIAG[2:0]
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 74



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com