Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 66 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 66 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 62Page - Maxim Integrated Products MAX17843 Datasheet HTML 63Page - Maxim Integrated Products MAX17843 Datasheet HTML 64Page - Maxim Integrated Products MAX17843 Datasheet HTML 65Page - Maxim Integrated Products MAX17843 Datasheet HTML 66Page - Maxim Integrated Products MAX17843 Datasheet HTML 67Page - Maxim Integrated Products MAX17843 Datasheet HTML 68Page - Maxim Integrated Products MAX17843 Datasheet HTML 69Page - Maxim Integrated Products MAX17843 Datasheet HTML 70Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 131 page
background image
ALTREF Diagnostic Measurement
The ALTREF diagnostic measurement (DIAGSEL[2:0] =
0b001) checks the primary voltage reference of the ADC
by measuring the alternate reference voltage (VALTREF).
The result is available in the DIAG register after a normal
acquisition.
The ALTREF voltage is computed from the result in the
DIAG register as follows:
VALTREF = (DIAG[15:2]/16384d ) x 5V
Since 1.23V < VALTREF < 1.254V and VALTREF = 1.242V
nominally, the expected range for DIAG[15:2] is:
(1.23V/5V) x 16384d = 4030d to (1.254V/5V) x 16384 =
4109d. Therefore, 0FBEh ≤ DIAG[15:2] ≤ 100Dh. To use
the 16-bit register value, the 14-bit values must be shifted
or multiplied by four, so that 3EF8h ≤ DIAG[15:0] ≤ 4034h.
Figure 36. ALTREF Diagnostic
ADC IN -
ADC IN +
ALTREF
LV
MUX
ADC
REF
THRM
+
-
LSAMP
HVMUX BUS
AGND
G = 6/13
ADC AUTOMATICALLY IN
UNIPOLAR MODE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 66



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com