Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 22 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 22 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 18Page - Maxim Integrated Products MAX17843 Datasheet HTML 19Page - Maxim Integrated Products MAX17843 Datasheet HTML 20Page - Maxim Integrated Products MAX17843 Datasheet HTML 21Page - Maxim Integrated Products MAX17843 Datasheet HTML 22Page - Maxim Integrated Products MAX17843 Datasheet HTML 23Page - Maxim Integrated Products MAX17843 Datasheet HTML 24Page - Maxim Integrated Products MAX17843 Datasheet HTML 25Page - Maxim Integrated Products MAX17843 Datasheet HTML 26Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 131 page
background image
PIN
NAME
TYPE
FUNCTION
1, 18, 19,
26, 27, 60
N.C.
―
Not Connected. Connect to ground or leave unconnected.
2, 4, 31
AGND
Ground
Analog Ground. Connect to negative terminal of cell 1 and ground plane.
3
SHDNL
Input
Active-Low Shutdown Input. Drive > 1.8V to enable operation and drive < 0.6V to reset
device and place in shutdown mode. +72V tolerant. If not driven externally, this input can
be controlled solely through UART communication and software control. Bypass with a
1nF capacitor to AGND. For single-ended UART, SHDNL must be driven externally.
5
VAA
Power
3.3V Regulator Output Used to Supply VDDL1, VDDL2, andVDDL3. Bypass with a 1µF
capacitor to ground.
6
TXUN
Output
Negative Output for Upper-Port Transmitter. Driven between VDDL3 and GNDL3.
7
TXUP
Output
Positive Output for Upper-Port Transmitter. Driven between VDDL3 and GNDL3.
8
GNDL1
Ground
Digital Ground. Connect to ground plane.
9
VDDL1
Power
3.3V Digital Supply. Connect externally to VAA and bypass with 0.47µF capacitor to
GNDL1.
10
GNDL3
Ground
Ground for Upper-Port Transmitter. Connect to ground plane.
11
VDDL3
Power
3.3V Supply for Upper-Port Transmitter. Connect externally to VAA and bypass with
0.47µF capacitor to GNDL3.
12
RXUN
Input
Negative Input for Upper-Port Receiver. Tolerates ±30V.
13
RXUP
Input
Positive Input for Upper-Port Receiver. Tolerates ±30V. Connect to ground for single-
ended operation.
14
GPIO3
I/O
General-Purpose I/O 3. Driven between VDDL1 and GNDL1. 2MΩ internal pulldown.
15
GPIO2
I/O
General-Purpose I/O 2. Driven between VDDL1 and GNDL1. 2MΩ internal pulldown.
16
GPIO1
I/O
General-Purpose I/O 1. Driven between VDDL1 and GNDL1. 2MΩ internal pulldown.
17
GPIO0
I/O
General-Purpose I/O 0. Driven between VDDL1 and GNDL1. 2MΩ internal pulldown.
20
TXLP
Output
Positive Output for Lower-Port Transmitter. Driven between VDDL2 and GNDL2.
21
TXLN
Output
Negative Output for Lower-Port Transmitter. Driven between VDDL2 and GNDL2.
22
VDDL2
Power
3.3V Supply for Lower-Port Transmitter. Connect externally to VAA and bypass with
0.47µF capacitor to GNDL2.
23
GNDL2
Ground
Ground for Lower-Port Transmitter. Connect to ground plane.
24
RXLP
Input
Positive Input for Lower-Port Receiver. Tolerates ±30V. Connect to ground for single-
ended operation.
25
RXLN
Input
Negative Input for Lower-Port Receiver. Tolerates ±30V.
28
CTG
Input
Reserved for Factory use. Connect to ground.
29
AUXIN2
Input
Auxiliary Voltage Input 2 to Measure External Temperature. Connect to a voltage-divider
consisting of a 10kΩ pullup to THRM and 10kΩ NTC thermistor to ground. If not used,
connect to the pullup only.
30
AUXIN1
Input
Auxiliary Voltage Input 1 to Measure External Temperature. Connect to a voltage-divider
consisting of a 10kΩ pullup to THRM and a 10kΩ NTC thermistor to ground. If not used,
connect to the pullup only.
32
THRM
Power
3.3V Switched Output. Used to supply the voltage-dividers for the auxiliary inputs. The
output is enabled only during measurements, or as configured by THRMMODE[1:0].
This output can source up to 2mA.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 22
Pin Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com