Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 37 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 37 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 33Page - Maxim Integrated Products MAX17843 Datasheet HTML 34Page - Maxim Integrated Products MAX17843 Datasheet HTML 35Page - Maxim Integrated Products MAX17843 Datasheet HTML 36Page - Maxim Integrated Products MAX17843 Datasheet HTML 37Page - Maxim Integrated Products MAX17843 Datasheet HTML 38Page - Maxim Integrated Products MAX17843 Datasheet HTML 39Page - Maxim Integrated Products MAX17843 Datasheet HTML 40Page - Maxim Integrated Products MAX17843 Datasheet HTML 41Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 131 page
background image
Acquisition Watchdog Timeout
If the acquisition does not finish within a predetermined
time interval, the SCANTIMEOUT bit is set, the ADC
logic is reset, the ALU registers are cleared, and the
measurement data registers are also cleared. The acquisi-
tion watchdog-timeout interval depends on the oversam-
pling configuration, as shown in Table 7.
Figure 15. Acquisition Mode Flowchart
STANDBY MODE
SCAN BIT SET?
NO
Enable HV charge pump
for 100.3µs
PERFORM
MEASUREMENT
SCANS FOR VBLKP,
CELLn, DIAG PER
MEASUREEN
YES
CLEAR ALL ALU
REGISTERS
ALL SAMPLES
DONE?
NO
YES
COMPARE
MEASUREMENTS TO
THRESHOLDS AND
UPDATE ALERTS
AMENDFILT
SET?
YES
NO
SET CELL = FILTOUT
SET SCANDONE
STANDBY MODE
ENABLE HV CHARGE
PUMP
SET ADC STATE
MACHINE TIMEOUT
PERIOD
LATCH ACQUISITION
CONFIGURATION;
DISABLE HV CHARGE
PUMP
CONVERT AUXINn
INPUTS IF ENABLED;
USE AINCFG SETTLING
TIME
COMPARE AUXINn
MEASUREMENT TO
THRESHOLDS, UPDATE
ALERTS
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com