Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 95 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 95 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 91Page - Maxim Integrated Products MAX17843 Datasheet HTML 92Page - Maxim Integrated Products MAX17843 Datasheet HTML 93Page - Maxim Integrated Products MAX17843 Datasheet HTML 94Page - Maxim Integrated Products MAX17843 Datasheet HTML 95Page - Maxim Integrated Products MAX17843 Datasheet HTML 96Page - Maxim Integrated Products MAX17843 Datasheet HTML 97Page - Maxim Integrated Products MAX17843 Datasheet HTML 98Page - Maxim Integrated Products MAX17843 Datasheet HTML 99Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 131 page
background image
The AC-coupled differential communication architecture
has a ±30V common-mode range and +6V differential
swing. This range is in addition to the static common-
mode voltage across the AC-coupling capacitors between
modules. Transmitter drivers have low internal impedance
and are source-terminated by the application circuit so
that impedances are well-matched in the high- and low-
driver states. This architecture minimizes differential noise
induced by common-mode current injection. The receiver
inputs are filtered above the fundamental communication
frequency to prevent high-frequency noise from entering
the device. The system is designed for use with isolation
transformers or optocouplers to provide an even higher
degree of common-mode noise rejection in circuit locations
where extremely large common-mode noise is present,
such as between vehicle chassis and high-voltage battery-
pack terminals.
Since a mid-pack service-disconnect safety switch is
present in many battery packs, the device is designed
to communicate with the entire daisy-chain, regardless
of whether the service-disconnect switch is engaged
or open. This is possible with daisy-chains that employ
capacitor isolation.
UART Transformer Isolation
The UART ports can be transformer-coupled because
of their DC-balanced differential design (see Figure 67).
Transformer coupling between the MAX17841B inter-
face and the MAX17843 provides excellent isolation
and common-mode noise rejection. The center tap of
a signal transformer can be used to enhance common-
mode rejection by AC-coupling the node to local ground.
Common-mode currents that are able to pass through
the parasitic coupling of the primary and secondary are
shunted to ground to make a very effective common-
mode noise filter.
Figure 67. UART Transformer Isolation
15pF
15pF
1.5kΩ
1.5kΩ
RXLP
TXP
47Ω
47Ω
DAISY-CHAIN
DEVICE 1
1nF
SIGNAL TRACES
OR WIRE
HARNESS
TXN
GNDL
RXLN
GNDL
MAX17841
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 95



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com