Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 40 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 40 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 36Page - Maxim Integrated Products MAX17843 Datasheet HTML 37Page - Maxim Integrated Products MAX17843 Datasheet HTML 38Page - Maxim Integrated Products MAX17843 Datasheet HTML 39Page - Maxim Integrated Products MAX17843 Datasheet HTML 40Page - Maxim Integrated Products MAX17843 Datasheet HTML 41Page - Maxim Integrated Products MAX17843 Datasheet HTML 42Page - Maxim Integrated Products MAX17843 Datasheet HTML 43Page - Maxim Integrated Products MAX17843 Datasheet HTML 44Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 131 page
background image
Measurement Alerts
After the measurement cycle, the ALU compares the
enabled measurements to the various configured thresh-
olds, as shown in Table 12, and sets the alert bits before
the ALU data is transferred to the data registers. In over-
sampling mode, the alert status is updated after the last
oversample. The alerts are updated whether or not the
data is moved from the ALU registers to the data registers
and are only updated for those measurements enabled in
the MEASUREEN register.
Voltage Alerts
Use the ALRTOVEN and ALRTUVEN registers to enable
voltage alerts for the cell and auxiliary inputs. If a cell-
voltage alert is enabled, the cell input voltage is compared
against the programmable overvoltage and undervoltage
thresholds after every acquisition as shown in Figure 14.
Separate thresholds for both setting and clearing the alert
provide hysteresis. Configure the set thresholds for cell
undervoltage (VUVTHSET) and overvoltage (VOVTHSET)
using the UVTHSET and OVTHSET registers. Configure
the clear thresholds for cell undervoltage (VUVTHCLR)
and cell overvoltage (VOVTHCLR) using the UVTHCLR
and OVTHCLR registers.
Alert flags in the ALRTOVCELL register are set, if enabled,
when the acquired cell voltage is over VOVTHSET. Alerts
in the ALRTUVCELL register are set, if enabled, when the
acquired cell voltage is under VUVTHSET. The alerts are
cleared when the cell voltage moves in the opposite direc-
tion and crosses the clear threshold. The voltage must
cross the threshold; if it is equal to a threshold, the alert
flag does not change. Therefore, setting the overvoltage
set threshold to full scale, or setting the undervoltage set
threshold to zero scale, effectively disables voltage alerts.
The ALRTOV and ALRTUV bits in the STATUS register
are set when any alert flag is set in the ALRTOVCELL or
ALRTUVCELL registers, respectively. ALRTCELL[n] is the
logical OR of ALROVCELL[n] and ALRTUVCELL[n].
Cell Mismatch
Enable the mismatch alert to signal when the minimum
and maximum cell voltages differ by more than a specified
voltage. The MSMTCH register sets the 14-bit threshold
(VMSMTCH) for the mismatch alert (ALRTMSMTCH).
Whenever VMAX - VMIN > VMSMTCH, thenALRTMSMTCH
= 1. The alert bit is cleared when a new acquisition does
not exceed the threshold condition. To disable the alert,
write FFCH to the MSMTCH register (default value).
Cell Statistics
The cell numbers with the lowest and highest voltages
are stored in the MINMAXCELL register. When multiple
cells have the same minimum or same maximum volt-
age, only the highest cell position having that voltage is
reported. The sum of all enabled cell voltages is stored
in the TOTAL register as a 16-bit value. For acquisitions
with no enabled cell inputs, the MINMAXCELL and TOTAL
registers are not updated.
Temperature Alerts
Temperature alerts, if enabled, occur when the acquired
AUXINx input voltages fall outside the thresholds config-
ured by the AINOT and AINUT registers. Unlike the cell-
voltage alerts, the temperature thresholds do not have the
hysteresis afforded by separate set and clear thresholds.
Table 12. Measurement Alerts
DESCRIPTION
CONDITION OR RESULT
ALERT BIT
LOCATION
Cell overvoltage (OV)
VCn - VCn-1 > VVOVTHSET
ALRTOV, ALRTOVn
STATUS, ALRTOVCELL
Cell undervoltage (UV)
VCn - VCn-1 < VUVTHSET
ALRTUV, ALRTUVn
STATUS, ALRTUVCELL
Cell mismatch
VMAX - VMIN > VMSMTCH
ALRTMSMTCH
STATUS
Cell with minimum voltage
n where VCELLn = VMIN
None
MINMAXCELL
Cell with maximum voltage
n where VCELLn = VMAX
None
MINMAXCELL
Total of all cell voltages
Σ VCELLn where n = 1–12
None
TOTAL
AUXINx overvoltage
(undertemperature)
VAUXINx > VAINUT
ALTRTCOLD, ALRTOVAINx
STATUS, ALRTOVCELL
AUXINx undervoltage
(overtemperature)
VAUXINx < VAINOT
ALRTHOT, ALRTUVAINx
STATUS, ALRTUVCELL
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 40



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com