Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 82 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 82 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 78Page - Maxim Integrated Products MAX17843 Datasheet HTML 79Page - Maxim Integrated Products MAX17843 Datasheet HTML 80Page - Maxim Integrated Products MAX17843 Datasheet HTML 81Page - Maxim Integrated Products MAX17843 Datasheet HTML 82Page - Maxim Integrated Products MAX17843 Datasheet HTML 83Page - Maxim Integrated Products MAX17843 Datasheet HTML 84Page - Maxim Integrated Products MAX17843 Datasheet HTML 85Page - Maxim Integrated Products MAX17843 Datasheet HTML 86Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 131 page
background image
Cell Undervoltage Diagnostic
Turning on the balancing switch can be used to generate
a near-zero voltage at any input channel to the ALTMUX
path. By successfully measuring this near-zero voltage,
the diagnostic verifies the lower-end of the input range
and the undervoltage alert function.
Input range can also be verified by using the cell-test
sources to induce a lower cell-channel voltage. If the
change is as expected, it shows that the system can mea-
sure voltages below the present nominal input voltage.
ALRTHVUV Comparator Diagnostic
The ALRTHVUV comparator functionality can be verified by
setting the CPEN bit (to disable the HV charge pump) and
then discharging the external HV capacitor by performing
an acquisition for 5ms (such as 12 cells, 32 oversamples),
or by enabling using one or more of the cell-test current
sources for an appropriate amount of time. The ALRTHVUV
bit should be set after the voltage has decayed.
HVMUX Sequencer Diagnostic
The HVMUX control sequence can be checked using the
sources attached to the Cn pins. The sources are con-
trolled by the CTSTEN bits of the CTSTCFG register. The
basic test method is as follows:
1) Perform an acquisition
2) Turn on a cell-test source
3) Wait for sufficient settling time
4) Perform an acquisition
5) Check that the cell(s) sharing the pin whose current
source was turned on had the expected measure-
ment change and other cells had no changes.
6) Repeat steps 1–5 for other pins to confirm there are
no logic errors in the HVMUX control sequencer.
The cell-test sources can be turned on for individual pins
to create a detectable measurement variation that is deter-
mined by the current-source value and the series resis-
tance of the cell input-filter circuit. The settling time needed
for a certain change in measurement value depends on
the size of the external filter capacitors and the amplitude
of the test-current source. A longer settling time gives the
full voltage change, while a shorter settling time saves test
time and should still produce an easily detectable voltage
difference. By detecting the expected measurement varia-
tion for a given cell input pair and running a sequence of
tests to cover all cases, the HVMUX sequencer operation
is verified.
Figure 53. HVMUX Sequencer Diagnostic
Cn-1
Cn
RFILTER
RHVMUX
CELL n
+
-
LSAMP
TO
ADC
VAA
AGND
TEST SOURCE
AGND
AGND
TEST SOURCES
CONTROLLED BY:
CTSTENn
CTSTSRC
CTSTDAC
RHVMUX
VAA
AGND
RFILTER
TEST SOURCE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com