Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 42 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 42 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 38Page - Maxim Integrated Products MAX17843 Datasheet HTML 39Page - Maxim Integrated Products MAX17843 Datasheet HTML 40Page - Maxim Integrated Products MAX17843 Datasheet HTML 41Page - Maxim Integrated Products MAX17843 Datasheet HTML 42Page - Maxim Integrated Products MAX17843 Datasheet HTML 43Page - Maxim Integrated Products MAX17843 Datasheet HTML 44Page - Maxim Integrated Products MAX17843 Datasheet HTML 45Page - Maxim Integrated Products MAX17843 Datasheet HTML 46Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 131 page
background image
Maximum Cell-Balancing Current
The maximum balancing current is limited by package
power dissipation, average die temperature, average duty
cycle of the switch, and the number of switches conduct-
ing current at any one time.
The power dissipation must not exceed the absolute
maximum rating of the package, nor should the die tem-
perature go outside the range specified for the desired
level of measurement accuracy. Higher die temperatures
and higher average duty cycles increase the probability
of internal electromigration, so the maximum balancing
current is lowered accordingly, as shown in Table 13 for
an assumed 10-year device lifetime.
Cell-Balancing Watchdog
Even if the host fails to disable the cell-balancing mode, the
cell-balancing watchdog can automatically disable the cell-
balancing switches regardless of the BALSWEN configu-
ration. The cell-balancing watchdog does not modify the
contents of the BALSWEN register. Use the WATCHDOG
register to configure the timeout value from 1s to 3840s
(64min), as shown in Table 14. The pre-divider configu-
ration CBPDIV[2:0] effectively sets the rate at which the
CBTIMER[3:0] counts down (see Figure 20).
Figure 20. Cell-Balancing Watchdog
Table 13. Maximum Allowed Balancing Current per Switch
Table 14. Cell-Balancing Watchdog Configuration
AVERAGE LIFETIME DUTY CYCLE
(10 YEARS)
TDIE = 85°C
TDIE = 105°C
TDIE = 125°C
15%
> 320mA
> 320mA
215mA
20%
> 320mA
320mA
161mA
25%
> 320mA
256mA
129mA
CBPDIV[2:0]
TIMER LSb PERIOD
RANGE OF CBTIMER[3:0]
MINIMUM
MAXIMUM
000b
Timer Disabled
Timer Disabled
001b
1s
1s
15s
010b
4s
4s
60s
011b
16s
16s
240s
100b
64s
64s
960s
101b
128s
128s
1920s
110b
256s
256s
3840s
32.768KHz
CBPDIV
CBTIMER
TIMER ZERO
FLAG
BIT 0
BIT 1
BIT 2
BIT 3
BALSWEN
CELL BALANCING
SWITCH ENABLE
CBTIMER ENABLE
CBPDIV1
CBPDIV0
CBPDIV2
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com