Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 75 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 75 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 71Page - Maxim Integrated Products MAX17843 Datasheet HTML 72Page - Maxim Integrated Products MAX17843 Datasheet HTML 73Page - Maxim Integrated Products MAX17843 Datasheet HTML 74Page - Maxim Integrated Products MAX17843 Datasheet HTML 75Page - Maxim Integrated Products MAX17843 Datasheet HTML 76Page - Maxim Integrated Products MAX17843 Datasheet HTML 77Page - Maxim Integrated Products MAX17843 Datasheet HTML 78Page - Maxim Integrated Products MAX17843 Datasheet HTML 79Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 131 page
background image
Diagnostic Test Sources
Diagnostic test current sources (see Figure 47) can be
enabled prior to the acquisition mode for detecting both
internal and external hardware faults in the measure-
ment path. One set of test sources are connected to the
HVMUX input side and another set are connected to the
HVMUX output side. See Table 40 for HVMUX output
assignments. The basic premise in these diagnostics
is that for a symmetrical measurement channel with no
faults, the test currents can be applied symmetrically to
the differential channel and there should be almost no
change in the channel measurement. On the other hand,
if an asymmetric fault exists on the channel, the resulting
change will indicate the nature of the fault (e.g., an open
or shorted pin).
For the 15 test current sources on the input channels (13
Cn and two AUXINn):
● The test currents individually enabled per
CTSTEN[12:0] and AUXINTSTEN[2:1].
● The test current ranges from 6.25μA up to 100μA per
CTSTDAC[3:0] (applies to all enabled sources).
● Test current sources from VAA or sinks to AGND
per the CTSTSRC bit, except for C0 (applies to all
enabled sources). The test current sources from VAA
only for CTST0.
For the two test current sources on the HVMUX output
side:
● The test currents are enabled by the MUXDIAGEN
bit.
● The test current always sources from the HV supply.
● The test current ranges from 3.125μA up to 50μA per
CTSTDAC[3:0] (applies to all enabled sources).
● The test current, by default, is applied to both
HVMUX outputs (even and odd outputs). However,
if MUXDIAGPAIR is set, the test current is applied to
only one of the output lines per MUXDIAGBUS. This
mode is used to test the test sources themselves.
See Figure 47 for test current sources diagram.
Table 40. HVMUX Output Assignment
INPUT SIGNAL
HVMUX OUTPUT
C12
Even bus
C11
Odd bus
C10
Even bus
C9
Odd bus
C8
Even bus
C7
Odd bus
C6
Even bus
C5
Odd bus
C4
Even bus
C3
Odd bus
C2
Even bus
C1
Odd bus
C0
Even bus
REF
Odd bus
ALTREF
Odd bus
AGND
Even bus
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 75



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com