Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 16 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 16 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 12Page - Maxim Integrated Products MAX17843 Datasheet HTML 13Page - Maxim Integrated Products MAX17843 Datasheet HTML 14Page - Maxim Integrated Products MAX17843 Datasheet HTML 15Page - Maxim Integrated Products MAX17843 Datasheet HTML 16Page - Maxim Integrated Products MAX17843 Datasheet HTML 17Page - Maxim Integrated Products MAX17843 Datasheet HTML 18Page - Maxim Integrated Products MAX17843 Datasheet HTML 19Page - Maxim Integrated Products MAX17843 Datasheet HTML 20Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 131 page
background image
(VDCIN = +48V, TA = TMIN to TMAX, unless otherwise noted, where TMIN = -40°C and TMAX =+125°C. Typical values are at TA = +25°C.
Operation is with the recommended application circuit.) (Note 5)
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
MEASUREMENT ACCURACY
Initial Total-Acquisition Error
(HVMUX Inputs, ADC1 or
ADC2)
VCELLn
ERRINIT
Unipolar mode, VCELLn = 3.6V,
DCIN = 43.2V, TA = +25°C,
VSAMPL[2:0] = 011b,
filter coefficient, FC [2:0] = 010b
-2
+2
mV
Initial-Acquisition Error
(HVMUX Inputs, ADC1 or
ADC2) (Note 8)
VCELLnERR
Unipolar mode, 0.2V ≤ VCELLn ≤ 4.8V,
5C < TA < 40°C OVSAMPL[2:0] = 011b,
filter coefficient, FC [2:0] = 010b
-3.5
+3.5
mV
Unipolar mode, 0.2V ≤ VCELLn ≤ 4.8V,
OVSAMPL[2:0] = 011b, filter coefficient,
FC[2:0]= 010b
-6
±0.75
+6
Bipolar mode, -2.3V ≤ VCELLn ≤ 2.3V,
OVSAMPL[2:0] = 011b, filter coefficient,
FC[2:0] = 010b
-6
+6
Initial-Acquisition Error
(HVMUX Inputs, ADC1 or
ADC2) (Note 9)
Unipolar mode, 0.2V ≤ VCELLn ≤ 4.8V,
0C < TA < 40°C, OVSAMPL[2:0] = 011b,
filter coefficient, FC[2:0]= 010b
-3.5
+3.5
mV
Initial-Acquisition Error
(ALTMUX Inputs, ADC1
or ADC2) (Note 8)
VSWnERR
Unipolar mode, 0.2V ≤ VCELLn ≤ 4.8V
5C < TA < 40°C OVSAMPL[2:0] = 011b,
filter coefficient, FC [2:0] = 010b
-3.5
+3.5
mV
Unipolar mode, 0.2V ≤ VCELLn ≤ 4.8V,
OVSAMPL[2:0] = 011b, filter coefficient,
FC[2:0] = 010b
-6
+6
mV
Bipolar mode, -2.3V ≤ VCELLn ≤ 2.3V,
OVSAMPL[2:0] = 011b, filter coefficient,
FC[2:0] = 010b
-6
+6
Total-Acquisition Noise
(Note 9)
VCELLNOISE No oversampling
1.1
mVRMS
Total-Acquisition Error
(VBLKP Input)
VBLKERR
9V ≤ VBLKP ≤ 57.6V VDCIN = 57.6V,
OVSAMPL[2:0 ]= 011b, filter coefficient,
FC[2:0] = 010b
-110
+110
mV
Offset Error for AUXIN
Measurement
VOS_AUX
-3
+3
mV
Gain Error for AUXIN
Measurement
AV_AUX
-0.3
+0.3
%
Total Error for Die-
Temperature Measurement
(Note 9)
TDIE_ERR
TJ = -40°C to +105°C, no averaging
-5
±3
+5
ºC
Differential Nonlinearity
(Any Conversion)
DNL
±1.0
LSbs
ADC Resolution
12
bits
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 16
Electrical Characteristics (continued)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com