Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 27 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 27 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 23Page - Maxim Integrated Products MAX17843 Datasheet HTML 24Page - Maxim Integrated Products MAX17843 Datasheet HTML 25Page - Maxim Integrated Products MAX17843 Datasheet HTML 26Page - Maxim Integrated Products MAX17843 Datasheet HTML 27Page - Maxim Integrated Products MAX17843 Datasheet HTML 28Page - Maxim Integrated Products MAX17843 Datasheet HTML 29Page - Maxim Integrated Products MAX17843 Datasheet HTML 30Page - Maxim Integrated Products MAX17843 Datasheet HTML 31Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 131 page
background image
Data Conventions
Representation of data follows the conventions shown in
Table 2. All registers are 16-bit words.
Data Acquisition
Data acquisition is composed of the distinct processes
defined in Table 3, and is controlled by various configu-
ration registers described in this section. Configuration
changes should be made prior to the acquisition in which
the changes are to be effected.
Precision Internal Voltage References
The measurement system uses two precision, temper-
ature-compensated voltage references. The references
are completely internal to the device and do not require
any external components. The primary voltage reference
(REF) is used to derive the linear regulator output voltage
and to supply the ADC reference. An alternate, indepen-
dent reference(ALTREF) can be used to verify the primary
reference voltage, as described in the Diagnostics section.
Measurement Calibration
The acquisition system is calibrated at the factory and
cannot be changed afterwards. The calibration param-
eters are stored in a ROM consisting of 12 read-only
registers, CAL0–CAL10 and CAL15. ROMCRC[8:0] is
an 8-bit CRC value based on the calibration ROM and is
stored in ID2[15:8] at the factory. ROMCRC[8:0] can be
used to check the integrity of the calibration, as described
in the Diagnostics section.
Cell Inputs
Up to 12 voltage measurements can be sampled
differentially from the 13 cell inputs. The differential signal
(VCELLn) is defined as VCn - VCn-1 for n = 1–12.
Cells to be measured are selected by MEASUREEN[11:0].
During the scan, each selected signal is multiplexed into
the level-shifting amplifier (LSAMP) as shown in Figure 6.
Since the common-mode range of the input signals is 0 to
65V, the signal must be level-shifted to the common-mode
range of the amplifier. The amplifier has a gain of 6/13, so
a 5V differential signal is attenuated to 2.307V, which is
the ADC reference voltage.
Table 2. Numeric Conventions
Table 3. Data-Acquisition Processes
DESCRIPTION
CONVENTION
EXAMPLE
Binary number
0b prefix
0b01100001 = 61h
Hexadecimal address
0x prefix
0x61
Hexadecimal data
h suffix
61h
Register bit
Register name [x]
STATUS[15] = 1
Register field
Field name [x:y]
DA[4:0] = 0b01100 = 0Ch
Concatenated numbers
{xxxx, yyyy}
{DA[4:0], 0b001} = 61h
PROCESS
DESCRIPTION
Conversion
The ADC samples a single input channel, converts it to a 12-bit binary value, and stores it in an
ALU register.
Scan
The ADC sequentially performs conversions on all enabled cell input channels.
Measurement cycle or Sample
The ADC performs two scans for the purpose of minimizing errors. The conversions (two
for each input channel) are averaged together to form a single 14-bit binary value called
a measurement.
Note: The auxiliary inputs are only scanned once to create the auxiliary
measurements.
Acquisition or Acquisition mode
If oversampling is enabled, the ADC takes sequential measurements and averages them
together to form one 14-bit binary value for each input channel sampled. If there is no
oversampling, the acquisition is essentially a single-measurement cycle.
Note: The auxiliary
inputs are never oversampled and are stored as 12-bit values.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 27



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com