Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 71 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 71 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 67Page - Maxim Integrated Products MAX17843 Datasheet HTML 68Page - Maxim Integrated Products MAX17843 Datasheet HTML 69Page - Maxim Integrated Products MAX17843 Datasheet HTML 70Page - Maxim Integrated Products MAX17843 Datasheet HTML 71Page - Maxim Integrated Products MAX17843 Datasheet HTML 72Page - Maxim Integrated Products MAX17843 Datasheet HTML 73Page - Maxim Integrated Products MAX17843 Datasheet HTML 74Page - Maxim Integrated Products MAX17843 Datasheet HTML 75Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 131 page
background image
BALSW Open Diagnostics
The BALSW open diagnostic (BALSWDIAG[2:0] = 0b010)
verifies that each enabled balancing switch is conducting
(not open) as follows:
● Configures acquisition for bipolar mode (for measur-
ing voltages near zero) automatically
● Configures acquisition for ALTMUX path automati-
cally
● Configures acquisition to measure switch voltages for
those switches enabled by BALSWEN automatically
● Host initiates acquisition
● Compares measurement to the threshold value
BALLOWTHR and BALHIGHTHR (Table 36) auto-
matically
● If outside the threshold, set the corresponding flag in
ALRTBALSW automatically
Set the thresholds by taking into account the minimum
and maximum RSW of the switch itself as specified in the
Electrical Characteristics table and the balancing current
for the application.
See Table 35 for BALSW Short-Diagnostic Auto-
configuration, Table 36 for BALSW Diagnostics. See
Table 37 for BALSW Open-Diagnostic Autoconfguration
and Figure 44 for BALSW Open Diagnostics.
Even/Odd Sense Wire Open Diagnostics
If enabled, the sense-wire open diagnostic modes detect
if a cell-sense wire is disconnected as follows:
● Closes nonadjacent switches (even or odd
automatically)
● Configures acquisition to use ALTMUX path
automatically
● Host waits 100µs for settling and then initiates the
acquisition
● Compares the result to the BALHIGHTHR and
BALLOWTHR registers automatically
● If outside thresholds, sets flags in ALRTBALSW
automatically
See Figure 45 for Cell Sense-Wire Open Diagnostics.
Table 35. BALSW Short Diagnostic Autoconfiguration
Table 36. BALSW Diagnostics
Table 37. BALSW Open-Diagnostic Autoconfiguration
CONFIGURATION BITS
AUTOMATIC SETTING
PURPOSE
MEASUREEN[14:12]
0b000
Disable AUXIN and VBLKP measurements
BALSWEN[11:0]
000h
Disable all balancing switches
DIAGCFG.ALTMUXSEL
1
Enable ALTMUX measurement path
BALSW
VSWn
FAULT INDICATED?
POSSIBLE FAULT CONDITION
On
> V(BALHIGHTHR)
Yes
Switch open circuit, or overcurrent
> V(BALLOWTHR)
No
None
< V(BALHIGHTHR)
< V(BALLOWTHR)
Yes
Path open circuit, or short circuit
Off
> V(BALSHRTTHR)
No
None
< V(BALSHRTTHR)
Yes
Short circuit, or leakage current
CONFIGURATION BITS
AUTOMATIC SETTING
PURPOSE
MEASUREEN[14:12]
0b000
Disable AUXINn and VBLKP measurements
MEASUREEN[11:0]
BALSWEN[11:0]
Measure only active switch positions
DIAGCFG.ALTMUXSEL
1
Enable ALTMUX measurement path
SCANCTRL.POLARITY
1
Enable bipolar mode
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 71



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com