Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX17843 Datasheet HTML 1Page - Maxim Integrated Products MAX17843 Datasheet HTML 2Page - Maxim Integrated Products MAX17843 Datasheet HTML 3Page - Maxim Integrated Products MAX17843 Datasheet HTML 4Page - Maxim Integrated Products MAX17843 Datasheet HTML 5Page - Maxim Integrated Products MAX17843 Datasheet HTML 6Page - Maxim Integrated Products MAX17843 Datasheet HTML 7Page - Maxim Integrated Products MAX17843 Datasheet HTML 8Page - Maxim Integrated Products MAX17843 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 131 page
background image
General Description
The MAX17843 is a programmable, highly integrated,
high-voltage, 12-channel battery-monitoring smart data-
acquisition interface with extensive features for safety. It
is optimized for use with batteries used in automotive sys-
tems, hybrid electric battery packs, electric cars, and any
system that stacks long series strings of secondary metal
batteries. This highly integrated battery sensor incorpo-
rates a high-speed differential UART bus for robust daisy-
chained serial communication.
The analog front-end combines a 12-channel voltage-
measurement data-acquisition system with a high-voltage
switch-bank input. All measurements are done differen-
tially across each cell. The full-scale measurement range
is from 0 to 5.0V with a usable range of 0.2V to 4.8V. A
high-speed successive approximation (SAR) A/D con-
verter is used to digitize the cell voltages at 14-bit resolu-
tion with oversampling. All 12 cells can be measured in
under 142μs. The MAX17843 uses a 2-scan approach
for collecting cell measurements and correcting them for
errors. This 2-phase approach yields excellent accuracy
over temperature and in the face of extreme noise in the
system.
The MAX17843 has two auxiliary analog inputs that can
be used to measure external thermistor components. A
negative temperature coefficient (NTC) thermistor can be
configured with the AUXIN analog inputs to accurately
monitor module or battery-cell temperature. A thermal-
overload detector disables the MAX17843’s linear regula-
tor to protect the IC, and a die-temperature measurement
is also available.
Applications
● 48V Vehicle Battery Modules or Systems
● High-Voltage Electric Vehicle (EVs)
● Hybrid Electric Vehicles (HEVs)
● Battery Packs
● Electric Bikes
● High-Power Battery-Backup Systems
● Super-Cap Backup Systems
● Power Tools
Benefits and Features
● 12-Cell Battery-Voltage Measurement for Lithium-Ion,
NiMH, or Super-Cap Cells
● Two Auxiliary Analog Inputs for NTC Thermistor or
Absolute Voltage Measurement
● Die Temperature Measurement and alert
● High-Accuracy Differential Measurement I/Os
• ±2mV Accuracy at +25°C and 3.6V
● Integrated 12-Channel Data-Acquisition System
• Differential High-Voltage Mux to ADC
• 14-Bit ADC Resolution with Oversampling
• 12 Cell Voltages Measured within 142μs
• Module Voltage Measurement
• Redundant ADC
● Battery Fault Detection
• Overvoltage and Undervoltage Digital Threshold
Detection
• Enhanced Diagnostic Features for Fault Detection
to Support ASIL and FMEA
● 12 Internal Cell-Balancing Switches
• Support Up to 150mA per Switch
• Emergency Cell-Discharge Mode
● Integrated 9V to 65V Input Linear Regulator
● Integrated Temperature-Compensated, Voltage
Reference
● Robust Differential Daisy-Chain UART Interface
• Up to 32 Connected ICs in a Single Daisy-Chain
• Compatible with Direct MCU Connection
• Standard UART bytes at 2Mb/s (max) Rate
● Four General-Purpose Digital I/O Lines
● Built-In Diagnostics to Support ASIL D and FMEA
Requirements
● Ultra-Low-Power Dissipation
• 2.0mA (typ) Standby-Mode Supply Current
• 3μA Shutdown Mode Leakage Current
● -40°C to +125°C Operating Temperature Range
(AEC-Q100 Grade 1)
● 64-Pin, Lead-Free/RoHS-Compliant, 10mm x 10mm
LQFP Package
Ordering Information appears at end of data sheet.
19-100084; Rev 2; 4/18
Click
here for production status of specific part numbers.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
EVALUATION KIT AVAILABLE


Similar Part No. - MAX17843

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX17841B MAXIM-MAX17841B Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
MAX17841B MAXIM-MAX17841B Datasheet
358Kb / 2P
Ensures Safe Operation of Li-Ion Battery Packs While Reducing System Cost
Rev. 0; January 2014
MAX17841BGUE MAXIM-MAX17841BGUE Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
MAX17841BGUEV MAXIM-MAX17841BGUEV Datasheet
1Mb / 33P
Automotive SPI Communication Interface (ASCI)
Rev 2; 1/15
More results

Similar Description - MAX17843

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD1362 AD-AD1362 Datasheet
431Kb / 8P
16-Channel,12-Bit Data Acquisition System
logo
Burr-Brown (TI)
ADS7833 BURR-BROWN-ADS7833 Datasheet
150Kb / 12P
10-Channel, 12-Bit DATA ACQUISITION SYSTEM
logo
Semtech Corporation
SX8722 SEMTECH-SX8722 Datasheet
813Kb / 108P
High gain acquisition for sensor interface
logo
API Technologies Corp
HS9410 APITECH-HS9410 Datasheet
2Mb / 3P
8 Channel, 12 Bit Data Acquisition System With 關P Interface
logo
Analog Devices
AD7891 AD-AD7891_17 Datasheet
394Kb / 21P
8-Channel, 12-Bit High Speed Data Acquisition System
23-Feb-2017
logo
Maxim Integrated Produc...
MAX17823B MAXIM-MAX17823B Datasheet
1Mb / 121P
12-Channel High-Voltage Data Acquisition System
Rev 5; 9/19
MAX17853 MAXIM-MAX17853 Datasheet
3Mb / 315P
14-Channel High-Voltage Data-Acquisition System
Rev 5; 5/20
MAX11068 MAXIM-MAX11068 Datasheet
1Mb / 82P
12-Channel, High-Voltage Sensor, Smart Data-Acquisition Interface
Rev 0; 6/10
MAX17823H MAXIM-MAX17823H Datasheet
1Mb / 129P
12-Channel, High-Voltage Data-Acquisition Systems
19-100391; Rev 0; 8/18
logo
Analog Devices
ADES1754 AD-ADES1754 Datasheet
3Mb / 322P
14-Channel, High-Voltage Data- Acquisition Systems
19-101802; Rev 0; 11/23
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com