Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 24 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 24 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 20Page - Maxim Integrated Products MAX17843 Datasheet HTML 21Page - Maxim Integrated Products MAX17843 Datasheet HTML 22Page - Maxim Integrated Products MAX17843 Datasheet HTML 23Page - Maxim Integrated Products MAX17843 Datasheet HTML 24Page - Maxim Integrated Products MAX17843 Datasheet HTML 25Page - Maxim Integrated Products MAX17843 Datasheet HTML 26Page - Maxim Integrated Products MAX17843 Datasheet HTML 27Page - Maxim Integrated Products MAX17843 Datasheet HTML 28Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 131 page
background image
Detailed Description
The data-acquisition system consists of the major blocks as described in Table 1.
Table 1. System Blocks
BLOCK
DESCRIPTION
ADC1
Primary analog-to-digital converter. Uses a 12-bit successive-approximation register (SAR), with a
reference voltage of 2.307V and is supplied by VAA. VAA diagnostic result yields VAA. This is the default
ADC selected by the ADCSELECT bit in the SCANCTRL register.
ADC2
Secondary analog-to-digital converter. Uses a 12-bit successive-approximation register (SAR) with a
reference voltage of 2.307V and is supplied by VAA. This is the secondary ADC. VAA diagnostic result
yields VAA/2. Writing the ADCSELECT bit to 1 selects this ADC for measurements.
HVMUX
12-channel, high-voltage (65V) differential multiplexer for Cn inputs.
HV CHARGE PUMP
High-voltage charge-pump supply (VDCIN + 5.5V) for the HVMUX, ALTMUX, BALSW, and LSAMP circuits
that must switch high-voltage signals. Supplied by DCIN.
LSAMP
Level-shifting amplifier with a gain of 6/13. The result is that a 5V differential signal is attenuated to
2.307V, which is the reference voltage for the ADC.
LVMUX
Multiplexes various low-voltage signals including the level-shifted signals and temperature signals to the
ADC for subsequent A-to-D conversion.
ALTMUX
12-channel, high-voltage differential multiplexer for SWn inputs.
BALSW
Cell-balancing switches.
LINREG
3.3V (VAA) linear regulator used to power the ADC and digital logic. Supplied by DCIN (9V to 65V).
REF
2.307V precision reference voltage for ADC and LINREG. Temperature-compensated.
ALTREF
1.242V precision reference voltage used for diagnostics.
16MHZ OSC
16MHz oscillator with 2% accuracy for clocking state-machines and UART timing.
32kHz OSC
32,768Hz oscillator for driving charge pumps and timers.
LOWER PORT
Differential UART for communication with host or downstack devices. Autodetects baud rates of 0.5, 1, or
2Mbps.
UPPER PORT
Differential UART for communication with upstack devices.
CONTROL AND
STATUS
ALUs, control logic, and data registers.
DIE TEMP
A proportional-to-absolute-temperature (PTAT) voltage source used to measure the die temperature.
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com