Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 54 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 54 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 50Page - Maxim Integrated Products MAX17843 Datasheet HTML 51Page - Maxim Integrated Products MAX17843 Datasheet HTML 52Page - Maxim Integrated Products MAX17843 Datasheet HTML 53Page - Maxim Integrated Products MAX17843 Datasheet HTML 54Page - Maxim Integrated Products MAX17843 Datasheet HTML 55Page - Maxim Integrated Products MAX17843 Datasheet HTML 56Page - Maxim Integrated Products MAX17843 Datasheet HTML 57Page - Maxim Integrated Products MAX17843 Datasheet HTML 58Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 131 page
background image
Command Packet
A command packet is defined as a sequence of UART
characters originating at the host. Each packet starts with
a preamble character, followed by data characters, and
ending with a stop character (see Figure 31). After send-
ing a packet, the host either goes into idle mode or sends
another packet.
Preamble Character
The preamble is a framing character that signals the
beginning of a command packet. It is transmitted as an
unencoded 15h with a logic-one parity bit and a balanced
duty cycle. If any bit(s) other than the stop bits deviate
from the unique preamble sequence, the character is
not interpreted as a valid preamble, but rather as a data
character.
Figure 31. Command Packet
Figure 32. Preamble Character
TXP-TXN
IDLE
PREAMBLE
MESSAGE
STOP
IDLE
S
1
1
0
0
1
0
0
0 E = 1 P
P
OPTIONAL
IDLE
OPTIONAL
IDLE
IDLE
DISABLE
IDLE
ENABLE
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 54



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com