Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX17843 Datasheet(PDF) 115 Page - Maxim Integrated Products

Part # MAX17843
Description  12-Channel, High-Voltage Smart Sensor Data-Acquisition Interface
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX17843 Datasheet(HTML) 115 Page - Maxim Integrated Products

Back Button MAX17843 Datasheet HTML 111Page - Maxim Integrated Products MAX17843 Datasheet HTML 112Page - Maxim Integrated Products MAX17843 Datasheet HTML 113Page - Maxim Integrated Products MAX17843 Datasheet HTML 114Page - Maxim Integrated Products MAX17843 Datasheet HTML 115Page - Maxim Integrated Products MAX17843 Datasheet HTML 116Page - Maxim Integrated Products MAX17843 Datasheet HTML 117Page - Maxim Integrated Products MAX17843 Datasheet HTML 118Page - Maxim Integrated Products MAX17843 Datasheet HTML 119Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 115 / 131 page
background image
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
D10
D9
0
THRMMODE[1:0]
Configures the THRM mode based on the table below:
D8
THRMMODE[1:0]
OPERATION
00
Auto mode (on in acquisition mode)
01
Auto mode (on in acquisition mode)
10
Manual mode, THRM switch off
11
Manual mode, THRM switch on
D7
0
Reserved
Always reads logic-zero.
D6
D5
0
AINTIME[5:0]
Configures the conversion time for each enabled AUXINn input from 6µs (default) up to
384µs (6µs/bit). This is to allow extra settling time if the application circuit requires it since
the THRM voltage is not driven out until the start of the acquisition (in auto mode).
D4
D3
D2
D1
D0
BIT
POR
NAME
DESCRIPTION
D15
0
Reserved
Always reads logic-zero.
D14
D13
D12
D11
0
BALSWEN[11:0]
BALSWEN[n-1] enables the balancing switch (conducting) between SWn and SWn-1
.
D10
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
MAX17843
12-Channel, High-Voltage Smart Sensor
Data-Acquisition Interface
www.maximintegrated.com
Maxim Integrated │ 115
ACQCFG Register (address 0x19)
BALSWEN Register (address 0x1A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com