Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 46 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 42Page - STMicroelectronics L9026 Datasheet HTML 43Page - STMicroelectronics L9026 Datasheet HTML 44Page - STMicroelectronics L9026 Datasheet HTML 45Page - STMicroelectronics L9026 Datasheet HTML 46Page - STMicroelectronics L9026 Datasheet HTML 47Page - STMicroelectronics L9026 Datasheet HTML 48Page - STMicroelectronics L9026 Datasheet HTML 49Page - STMicroelectronics L9026 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 60 page
background image
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
NU
RO
5
3
0x00
X
-
POR
RLR
4
1
0x00
POR_N
0: POR condition not detected
1: POR condition detected
VDDIO_UV
RLR
3
1
0x00
POR_N
0: no VDDIO undervoltage
1: VDDIO undevoltage detected
VBATT_UV
RLR
2
1
0x00
POR_N
0: no VBATT undervoltage
1: VBATT undevoltage detected
MODE
RO
0
2
0x00
POR_N
IC operating mode
00: Sleep Mode
01: Limp Home Mode
10: Idle Mode
11: Active Mode
DIAG_OVC_OVT
Register name:
DIAG_OVC_OVT
Address:
Global Base Address + 0x12
Description:
Overcurrent/overtemperature detection Register
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
OUTn
RLW
0
8
0x00
POR_N
Channel [7:0], MSB refers to channel 7
0: (default) no fail
1: overcurr/overtemp detected
DIAG_OPL_OFF
Register name:
DIAG_OPL_OFF
Address:
Global Base Address + 0x13
Description:
Driver Open load detection in off state Register
Field name
Type
Bit Offset
Bit Width
Reset Value
Reset Sources
Description
OUTn
RLR
0
8
0x00
POR_N
Channel [7:0], MSB refers to channel 7
0: (default) no fail
1: open load detected
DIAG_OPL_ON
Register name:
DIAG_OPL_ON
Address:
Global Base Address + 0x14
Description:
Driver Open load detection in on state Register
L9026
SPI register
DS13397 - Rev 5
page 46/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com