Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 26 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 26 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 22Page - STMicroelectronics L9026 Datasheet HTML 23Page - STMicroelectronics L9026 Datasheet HTML 24Page - STMicroelectronics L9026 Datasheet HTML 25Page - STMicroelectronics L9026 Datasheet HTML 26Page - STMicroelectronics L9026 Datasheet HTML 27Page - STMicroelectronics L9026 Datasheet HTML 28Page - STMicroelectronics L9026 Datasheet HTML 29Page - STMicroelectronics L9026 Datasheet HTML 30Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 60 page
background image
Parameter
Description
Test condition
Min Typ
Max
Unit
VS(CL)
Source to GND Output clamping voltage
HS
IL = 10 mA; VBATT = VOUT_Dn = 7 V; High-
Side Configuration
-18
-17
-16
V
IL(OFF)
Output leakage current (each channel)
TJ = 150 °C
VBATT = 0 V; VDDIO = 0 V; VSOURCE = 0 V;
VDS = 28 V; TJ up to 150 °C
-3
0
3
µA
IL(OFF)_HS
Output leakage current (each channel)
TJ = 150 °C
VBATT = 28 V; VDDIO = 0 V; VSOURCE = 0
V; VDS = 28 V; TJ up to 150°C – High side
case
-3
-
3
µA
I(OFF)_HS
Output current (each channel) in High
side case
High side configuration, Power OFF,
VSOURCE = 0 V
-70
-
-30
µA
I(OFF)_HS
Output current (each channel) in High
side case
High side configuration, Power OFF,
VSOURCE = 2.5V
-10
-
10
µA
Timing
tDELAY(ON)
Turn-ON delay (from INn pin or bit to
VOUT = 90% VBATT) (Channels used as
Low-Side)
RL = 50 Ω
VBATT= 14 V
Active or Limp Home mode
3
5
7
µs
tDELAY(OFF)
Turn-OFF delay (from INn pin or bit to
VOUT = 10% VBATT) (Channels used as
Low-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
2.5
10
21
µs
tON
Turn-ON time (from INn pin or bit to
VOUT = 10% VBATT) (Channels used as
Low-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
7
15
35
µs
tOFF
Turn-OFF time (from INn pin or bit to
VOUT = 90% VBATT) (Channels used as
Low-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
4
-
40
µs
dV/dtON
Turn-ON slew rate VDS = 70% to 30%
VBATT (Channels used as Low-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
0.35
1
2.2
V/µs
-dV/dtOFF
Turn-OFF slew rate VDS = 30% to 70%
VBATT (Channels used as Low-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
0.15 1.3
3.4
V/µs
-dV/dtOFF
Turn-OFF slew rate VDS = 30% to 70%
VBATT Gate kill condition
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
12
-
35
V/µs
(Channels used as Low-Side)
tDELAY(ON)
Turn-ON delay (from INn pin or bit to
VOUT = 10% VBATT) (Channels used as
High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
1.2
3.5
7.5
µs
tDELAY(OFF)
Turn-OFF delay (from INn pin or bit to
VOUT = 90% VBATT) (Channels used as
High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
2
10
21
µs
tON
Turn-ON time (from INn pin or bit to
VOUT = 90% VBATT) (Channels used as
High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
7
16
25
µs
tOFF
Turn-OFF time (from INn pin or bit to
VOUT = 10% VBATT) (Channels used as
High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
5
19
35
µs
dV/dtON
Turn-ON slew rate VDS = 30% to 70%
VBATT (Channels used as High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
0.25
1
1.9
V/µs
-dV/dtOFF
Turn-OFF slew rate VDS = 70% to 30%
VBATT (Channels used as High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
0.25
-
2.5
V/µs
-dV/dtOFF
Turn-OFF slew rate VDS = 70% to
30% VBATT Gate kill condition (Channels
used as High-Side)
RL = 50 Ω; VBATT= 14 V; Active or Limp
Home mode
6
-
30
V/µs
tINRUSH
Bulb Inrush Mode restart time
Active mode; Covered by SCAN
29
40
51
µs
L9026
Power stages electrical specifications
DS13397 - Rev 5
page 26/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com