Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L9026 Datasheet(PDF) 52 Page - STMicroelectronics

Part # L9026
Description  Automotive configurable multi-channel relay driver 2HS 6HS/LS
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L9026 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button L9026 Datasheet HTML 48Page - STMicroelectronics L9026 Datasheet HTML 49Page - STMicroelectronics L9026 Datasheet HTML 50Page - STMicroelectronics L9026 Datasheet HTML 51Page - STMicroelectronics L9026 Datasheet HTML 52Page - STMicroelectronics L9026 Datasheet HTML 53Page - STMicroelectronics L9026 Datasheet HTML 54Page - STMicroelectronics L9026 Datasheet HTML 55Page - STMicroelectronics L9026 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 60 page
background image
Table 20. HTSSOP24 (7.8x4.4x1.1 mm exp. pad down 5.0x3.2) mechanical data
Symbol
Dimensions
Note
Min
Typ
Max
A
1.05
1.10
1.20
1
A1
0.05
-
0.15
A2
0.80
1.00
1.2
b
0.19
-
0.30
D
7.70
7.80
7.90
D1
4.80
5.00
5.20
E
6.20
6.40
6.60
E1
4.30
4.40
4.50
2
E2
3.00
3.20
3.40
e
0.65 BSC
L
0.45
0.60
0.75
L1
-
1.00
-
K
0
-
8
Degrees
aaa
-
-
0.15
Notes:
1.
Very thin: 0.80 < A ≤ 1.00 mm / Fine pitch: e < 1.00mm
2.
The pin #1 identifier must be present on the top surface of the package by using indentation mark or other
feature of package body. Exact shape and size of this feature are optional.
L9026
HTSSOP24 (7.8x6.4x1 mm exp. pad down 5.0x3.2) package information
DS13397 - Rev 5
page 52/60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com